A-DFF09LPIII-FP-R
AI

The part number **A-DFF09LPIII-FP-R** refers to a high-density, low-profile D-Sub connector typically manufactured by **Assmann WSW Components**. This specific part is designed for PCB mounting and is often used in applications where vertical space is limited.
---
### 1. Technical Specifications Breakdowns
The alphanumeric code follows a specific nomenclature that defines the physical and electrical characteristics of the part:
| Attribute | Specification | Description |
| :--- | :--- | :--- |
| **Connector Type** | D-Sub | Standard interface for data and power signals |
| **Gender** | Female (Socket) | Receptacle interface with 9 contact points |
| **Number of Pins** | 09 | Standard 9-pin configuration (DE-9) |
| **Profile** | Low Profile (LP) | Reduced height for compact electronic enclosures |
| **Mounting Style** | Right Angle / PCB | Designed to sit flat on a PCB with pins bent 90° |
| **Termination** | Solder | Through-hole technology (THT) for permanent mounting |
| **Plating** | Flash Gold | Provides corrosion resistance and reliable conductivity |
| **RoHS Status** | Compliant (-R) | Lead-free and environmentally friendly materials |
---
### 2. Key Physical Features
* **Low Profile (III):** The "III" often designates a specific height category or revision in the Assmann series, ensuring the connector doesn't interfere with top-side components or slim chassis covers.
* **Front Panel Mounting (FP):** This version usually includes features for securing the connector to the device's exterior casing (the front panel), such as threaded inserts or specialized brackets.
* **Metal Shell:** Typically features a tin-plated steel shell for EMI/RFI shielding, ensuring signal integrity in noisy environments.
---
### 3. Common Applications
Due to its 9-pin female configuration and low-profile design, this part is frequently found in:
1. **Industrial Controllers:** Serial communication interfaces (RS-232/RS-485).
2. **Embedded Systems:** Diagnostic ports on small-form-factor motherboards.
3. **Telecommunications:** Network management ports.
4. **Medical Equipment:** Data logging and sensor interfacing where space is at a premium.
---
### 4. Footprint and Layout
When designing a PCB for this part, engineers must account for:
* **Pitch:** The distance between pins (Standard D-Sub spacing).
* **Row Spacing:** The distance between the two rows of pins on the PCB footprint.
* **Mounting Holes:** Large holes for the mechanical "ears" or ground-straps that provide structural stability.
- ⤷What are the exact mechanical dimensions and height for this 'Low Profile' model?
- ⤷ Does this connector support high-speed data transmission like USB
- ⤷ or is it strictly for serial?
- ⤷ What is the mating cycle rating for the flash gold plating on this part?