A-DSF37LPIII-FP-R
AI

The part number **A-DSF37LPIII-FP-R** refers to a high-density, professional-grade D-Subminiature connector, typically manufactured by **Assmann WSW Components**. It is widely used in industrial, telecommunications, and computing environments for secure data signal transmission.
---
### 1. Technical Specifications
Below is a breakdown of the core technical attributes for this component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | D-Subminiature (Female / Socket) |
| **Number of Positions** | 37 Pins |
| **Mounting Type** | Through-Hole, Right Angle |
| **Contact Termination** | Solder |
| **Flange Feature** | Low Profile (LP) with Mounting Hardware |
| **Plating** | Selective Gold (Flash or 30µ") |
| **Orientation** | 90° (Right Angle) |
| **RoHS Status** | Compliant (-R suffix) |
---
### 2. Detailed Part Number Breakdown
The alphanumeric code describes specific mechanical and electrical properties:
* **A**: Assmann WSW brand prefix.
* **DSF**: D-Sub Female (Socket/Receptacle).
* **37**: Number of contacts (standard density).
* **LP**: Low Profile design, saving vertical space on the PCB.
* **III**: Designator for mounting style (often includes specific bracket types or board locks).
* **FP**: Front Panel mounting or specific "Fast-Pass" / Flush-Mounting features.
* **R**: RoHS compliant (Lead-free construction).
---
### 3. Key Component Features
* **Right Angle Orientation:** Designed specifically for PCB edge mounting where the cable plugs in parallel to the circuit board.
* **Space Saving:** The "Low Profile" (LP) designation means the connector body sits closer to the board surface, allowing for tighter stacking of PCBs in rack-mount systems.
* **Mechanical Stability:** Usually equipped with "Boardlocks" or "Harpoons" and threaded nuts to ensure the connector does not rip off the PCB during cable insertion/extraction.
* **EMI/RFI Shielding:** The metal shell (usually tin-plated steel) provides grounding and reduces electromagnetic interference.
---
### 4. Common Applications
1. **Industrial Controllers:** Used for RS-232, RS-422, or RS-485 communication interfaces.
2. **Telecommunications:** Connection points for networking hardware and switchgear.
3. **Medical Equipment:** Reliable signal routing for diagnostic machinery.
4. **Legacy Computing:** Parallel ports or specialized I/O interfaces.
- ⤷What are the footprint dimensions for PCB layout for this 37-pin connector?
- ⤷ Does this model come with different plating thicknesses for high-cycle environments?
- ⤷ What is the rated current and voltage for these female sockets?