전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A-FT25-R

  • AI
    The **A-FT25-R** refers to a specific series of high-precision **Thin Film Chip Resistors**, typically manufactured by companies like **Susumu** or similar precision component vendors. These are surface-mount devices (SMD) designed for applications where stability and accuracy are critical. --- ### 1. Technical Specifications The "A-FT25" designation usually breaks down into physical size and power ratings. Below is a breakdown of the typical electronic characteristics: | Parameter | Typical Value | | :--- | :--- | | **Case Size** | 1206 (3216 Metric) | | **Technology** | Thin Film (Metal Film) | | **Resistance Range** | 10Ω to 1MΩ (Typical) | | **Tolerance** | ±0.05% to ±0.1% | | **Power Rating** | 1/4W (0.25W) | | **Temperature Coefficient (TCR)** | ±5ppm/°C to ±25ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Key Features The A-FT25-R series is distinguished by several high-performance electronic traits: * **Low Noise:** Thin film construction provides significantly lower thermal noise compared to standard thick film resistors. * **High Reliability:** The "-R" suffix often denotes **RoHS compliance** and high sulfur resistance, making them suitable for harsh environments. * **Precision:** These parts are laser-trimmed to achieve extremely tight tolerances, essential for voltage dividers and feedback loops. * **Stability:** Excellent long-term stability under high-temperature and high-humidity conditions. --- ### 3. Internal Structure The electronic behavior of the A-FT25-R is dictated by its internal layers: 1. **Substrate:** High-purity alumina ceramic. 2. **Resistive Layer:** A thin sputtered metal film (usually Nichrome). 3. **Protective Coating:** An epoxy or glass overcoat to prevent oxidation. 4. **Terminations:** Lead-free tin (Sn) over a nickel (Ni) barrier to prevent leaching during soldering. --- ### 4. Typical Applications Because of its precision, the A-FT25-R is commonly found in: * **Medical Electronics:** Precision sensors and monitoring equipment. * **Industrial Automation:** Control systems and PLC inputs. * **Test & Measurement:** Oscilloscopes, multimeters, and signal generators. * **Automotive:** Engine control units (ECU) and ADAS sensors.
    ✨ Follow-up Questions
    • ⤷What is the difference between thin film and thick film resistors?
    • ⤷ How does the TCR value affect circuit performance at high temperatures?
    • ⤷ What are the common footprints available for the A-FT series?