A-HDF15LL-WP-R
AI

## Technical Analysis: A-HDF15LL-WP-R
The **A-HDF15LL-WP-R** is a high-density D-Sub connector designed for rugged or industrial environments where water protection is required. It is manufactured by **Assmann WSW Components**.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **A** | Manufacturer | Assmann WSW Components |
| **HDF** | Type | High Density Female |
| **15** | Positions | 15 Pins (standard size 1 shell) |
| **LL** | Termination | Low Profile / Straight Solder Cup |
| **WP** | Feature | **Waterproof** (IP67 Rated) |
| **R** | Compliance | RoHS Compliant |
---
### 2. Key Specifications
The following table highlights the electrical and mechanical limits of this component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | D-Sub, High Density |
| **Number of Rows** | 3 Rows |
| **Contact Type** | Socket (Female) |
| **Current Rating** | 2A to 5A (typical for HD D-Sub) |
| **Voltage Rating** | 250V AC/DC |
| **Ingress Protection** | **IP67** (Dust tight, protected against immersion) |
| **Shell Material** | Steel, Tin Plated |
| **Insulator** | PBT Thermoplastic, UL94V-0 |
| **Contact Plating** | Gold (Flash or selective) |
---
### 3. Electronic & Design Features
* **Waterproof Sealing:** The "WP" designation indicates the presence of an O-ring and internal epoxy sealing. This prevents moisture from entering the chassis or shorting the pins in humid or wet environments.
* **High-Density Layout:** While a standard D-Sub 15 has 2 rows, this High-Density version fits 15 pins into the physical shell size typically used for a 9-pin connector by using 3 rows.
* **Termination Style:** The "LL" (Solder Cup) allows for manual wire soldering, making it ideal for custom cable assemblies rather than PCB mounting.
* **Mounting:** Usually features #4-40 UNC threaded inserts or standoffs to ensure a secure, sealed connection with the mating cable.
---
### 4. Common Applications
* **Industrial Automation:** Sensor data transmission in wash-down areas.
* **Marine Electronics:** Communication interfaces exposed to salt spray.
* **Outdoor Telecommunications:** External signal ports on enclosures.
* **Medical Equipment:** Devices requiring frequent sterilization or liquid resistance.
---
- ⤷
What is the mating connector part number for a male waterproof version?
- ⤷ How does the IP67 rating affect the installation torque for this connector?
- ⤷ Are there PCB-mount versions of this waterproof high-density connector?