전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A-MCSP-80100-R

  • AI
    ### A-MCSP-80100-R: Modular Plug Technical Overview The **A-MCSP-80100-R** is a specific modular connector manufactured by **ASSMANN WSW Components**. It is primarily used in telecommunications and networking for terminating Ethernet cables. --- ### 1. General Specifications This part is a standard 8P8C (8 Positions, 8 Contacts) connector, commonly referred to as an **RJ45 plug**. | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (Modular Plug) | | **Gender** | Male (Plug) | | **Number of Positions** | 8 | | **Number of Contacts** | 8 | | **Shielding** | Unshielded (UTP) | | **Cable Type** | Round Cable | | **Mounting Type** | IDC (Insulation Displacement Connector) / Crimp | --- ### 2. Materials and Construction The electronic reliability of the connector is determined by the quality of the contact plating and the housing material. * **Housing Material:** Clear Polycarbonate (UL 94V-2 or 94V-0 rated). * **Contact Material:** Phosphor Bronze. * **Contact Plating:** Gold plating over Nickel (usually 6μ" to 50μ" depending on the specific batch, though standard is often 6μ" for this series). * **Blade Type:** Usually 3-prong blades, making them compatible with both **Solid** and **Stranded** wire. --- ### 3. Electrical Characteristics These parts are designed to handle low-voltage data signals. * **Current Rating:** 1.5 Amps. * **Voltage Rating:** 125 Volts AC. * **Insulation Resistance:** 500 MΩ minimum. * **Contact Resistance:** 20 mΩ maximum. * **Dielectric Withstanding Voltage:** 1000V AC (RMS). --- ### 4. Application and Usage The "R" suffix typically denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards. * **Wiring Standards:** Supports T568A and T568B wiring schemes. * **Category Rating:** Typically rated for **Cat5e** applications. * **Tools Required:** Standard RJ45 crimping tool. --- ### 5. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **A** | Assmann WSW Components | | **MCSP** | Modular Connector Series Plug | | **80** | 8 Positions | | **100** | 8 Contacts | | **R** | RoHS Compliant | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this unshielded plug and a shielded version (A-MCS-S)?
    • ⤷ Does this plug support Cat6 data speeds?
    • ⤷ What is the recommended wire gauge (AWG) for the A-MCSP-80100-R?