전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A-MCSP-80200-R

  • AI
    ### A-MCSP-80200-R: Product Overview The **A-MCSP-80200-R** is a specific electronic networking component manufactured by **ASSMANN WSW Components**. It belongs to the category of **Modular Connectors (Patch Cables)**, specifically designed for high-speed Ethernet connectivity. --- ### 1. Technical Specifications Below are the primary electronic and physical specifications for this part: | Feature | Specification | | :--- | :--- | | **Cable Type** | Cat6 (Category 6) | | **Connector Type** | RJ45 (8P8C) to RJ45 (8P8C) | | **Shielding** | S/FTP (Screened Foiled Twisted Pair) | | **Length** | 20.0 Meters (approx. 65.6 feet) | | **Color** | Red | | **Jacket Material** | LSZH (Low Smoke Zero Halogen) | | **Wire Gauge** | 27 AWG | | **Frequency Support** | Up to 250 MHz | --- ### 2. Key Electronic Components & Design #### A. The S/FTP Shielding The "S/FTP" designation is the most critical electronic feature of this cable: * **Individual Shielding:** Each of the four twisted pairs is wrapped in foil to prevent **Crosstalk** (interference between adjacent pairs). * **Outer Braid:** An overall tinned copper braid surrounds all pairs, providing protection against **EMI (Electromagnetic Interference)** and RFI (Radio Frequency Interference). #### B. Cat6 Performance As a Category 6 component, it is engineered to handle data transfer speeds up to **1 Gbps (1000BASE-T)** over the full 20-meter length, and can theoretically support 10 Gbps at shorter distances. The internal structure typically includes a plastic "spline" or separator to maintain wire geometry and reduce signal degradation. #### C. LSZH Jacket (Low Smoke Zero Halogen) The electronic insulation is made from LSZH material. In the event of a fire or electrical short causing overheating, this material emits limited smoke and no toxic halogen gases, making it safer for high-density data centers or poorly ventilated areas. --- ### 3. Applications * **High-Interference Environments:** Ideal for industrial settings or server rooms where electrical noise from machinery or power cables is high. * **Networking Hardware:** Used to connect Patch Panels, Switches, Routers, and Servers. * **Long-Distance Runs:** At 20 meters, it is designed for connecting devices across large rooms or between different racks. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between S/FTP and UTP shielding in networking cables?
    • ⤷ How does 27 AWG wire gauge affect signal attenuation over a 20-meter length?
    • ⤷ Does the A-MCSP-80200-R support Power over Ethernet (PoE)?