전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A-MCSSP60005-R-R

  • AI
    The **A-MCSSP60005-R-R** is a specific part number typically associated with high-performance networking cables, specifically **Shielded Twisted Pair (STP) Cat6 Patch Cables** manufactured by Assmann WSW Components. Below is a detailed breakdown of its electronic and physical specifications. ### 1. Component Overview The "A-MCSSP" series identifies this as a modular patch cord designed for high-speed data transmission with electromagnetic interference (EMI) protection. | Feature | Specification | | :--- | :--- | | **Cable Type** | Cat6 (Category 6) | | **Shielding** | S/FTP (Screened/Foiled Twisted Pair) | | **Connector A** | RJ45 (8P8C) Male | | **Connector B** | RJ45 (8P8C) Male | | **Length** | 0.5 Meters (indicated by the "0005" code) | | **Color** | Red (indicated by the "-R" suffix) | --- ### 2. Technical Specifications The electronic integrity of this part is defined by its ability to maintain signal frequency and resist external noise. #### A. Data Transmission * **Frequency:** Supports up to **250 MHz**, which is standard for Cat6. * **Data Rate:** Capable of handling up to **1 Gbps (1000Base-T)** and can support **10 Gbps** over shorter distances. * **Wire Gauge:** Typically uses **26/7 AWG** (Stranded copper) for flexibility and conductivity. #### B. Shielding and Interference * **Individual Shielding:** Each pair is wrapped in foil (PIMF - Pairs in Metal Foil) to prevent crosstalk between pairs. * **Overall Shielding:** A copper braid surrounds the entire bundle to protect against high-frequency electromagnetic interference. * **Gold Plating:** The RJ45 contacts usually feature **30µ" to 50µ" gold plating** to prevent oxidation and ensure a low-resistance electrical connection. --- ### 3. Construction Materials The materials used in the A-MCSSP60005-R-R are chosen for durability and safety compliance. * **Jacket Material:** Usually **LSZH (Low Smoke Zero Halogen)**. In the event of a fire, this material emits limited smoke and no toxic halogen gases. * **Strain Relief:** Features a molded "boot" with a snagless design to protect the RJ45 locking tab. * **Compliance:** RoHS compliant, meeting environmental safety standards. --- ### 4. Application Use Cases Due to its shielding (S/FTP), this cable is used in environments where electronic "noise" is prevalent: * **Server Racks:** Dense wiring environments where cables are packed tightly together. * **Industrial Floors:** Near heavy machinery or high-voltage power lines. * **Medical Facilities:** Environments sensitive to EMI.
    ✨ Follow-up Questions
    • ⤷ What is the difference between S/FTP and UTP shielding in Cat6 cables?
    • ⤷ How does the LSZH jacket material affect fire safety ratings?
    • ⤷ Can this cable support PoE (Power over Ethernet) applications?