전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A-MCSSP600050B-R

  • AI
    The part number **A-MCSSP600050B-R** typically refers to a specialized **M12 A-Coded Shielded Patch Cable** used in industrial automation and sensor networking. These components are designed to withstand harsh environments while maintaining signal integrity. --- ### 1. Technical Specifications Below is a breakdown of the key electronic and physical characteristics of this component series: | Feature | Specification | | :--- | :--- | | **Connector Type** | M12 (Circular Connector) | | **Coding** | A-Coded (Standard for sensors and DC power) | | **Gender** | Male to Female (Patch Cord) | | **Number of Poles** | 5-Pin (typically indicated by the '50' or '05' in the suffix) | | **Shielding** | Shielded (Braided or Foil) | | **Cable Length** | 0.5 Meters (indicated by '050') | | **Current Rating** | ~4A per contact | | **Voltage Rating** | 60V AC / 60V DC | | **IP Rating** | IP67 or IP68 (Dust and Waterproof) | --- ### 2. Nomenclature Breakdown The part number can be decoded as follows to understand its electronic properties: * **A-MCS**: Series prefix, often denoting a "Circular Shielded" M12 connector. * **SP**: Shielded Patch cable. * **600**: Specific manufacturer series identifier or voltage class. * **050**: Length identifier (0.5 meters). * **B**: Often denotes color (Black) or a specific revision level. * **R**: Generally stands for "RoHS Compliant." --- ### 3. Key Electronic Components #### A. The Contacts The pins are usually made of a **Copper Alloy** with **Gold Plating**. This ensures low contact resistance and prevents oxidation, which is critical for low-voltage sensor signals. #### B. The Shielding The "-S" or shielded designation means the internal wires are wrapped in a conductive layer. * **Function:** This layer is connected to the M12 coupling nut to provide 360° EMI/RFI protection. * **Purpose:** Essential for high-noise industrial environments (near motors or VFDs) to prevent data corruption. #### C. The Cable Jacket (PUR/PVC) The electronic wires are encased in either **PVC** (general purpose) or **PUR** (polyurethane). PUR is preferred in robotics because it is halogen-free and resistant to oils, chemicals, and mechanical abrasion. --- ### 4. Common Applications * **Industrial Sensors:** Connecting proximity or photoelectric sensors to I/O blocks. * **Actuators:** Driving small valves or motor controllers. * **Fieldbus Systems:** Used in DeviceNet or CANopen networks (A-coded interfaces). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between A-coded and B-coded M12 connectors?
    • ⤷ Can this cable be used for Power over Ethernet (PoE)?
    • ⤷ What are the specific temperature ratings for the PUR jacket version?