전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A-MCSSP60030-R-R

  • AI
    The **A-MCSSP60030-R-R** is a specific technical part number, typically associated with **M12 Circular Connectors** or specialized **RJ45 Shielded Patch Cables**, often manufactured by companies like Assmann WSW Components. Below is a breakdown of the electronic and mechanical specifications for this component. --- ## 1. Core Specifications This part is generally categorized as an industrial-grade networking or sensor connection component. | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 or Circular M12 (Variant dependent) | | **Shielding** | S/FTP or PIMF (Pairs in Metal Foil) | | **Contact Material** | Phosphor Bronze with Gold Plating | | **Cable Category** | Cat6 or Cat6A (Application specific) | | **Housing Material** | Thermoplastic or Nickel-plated Brass | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Key Electronic Characteristics The "Electronic Parts" of this assembly focus on signal integrity and protection against environmental interference. ### A. Signal Integrity & Frequency * **Bandwidth:** Designed to handle frequencies up to **250 MHz - 500 MHz**, supporting data rates of 1Gbps to 10Gbps. * **Impedance:** Standardized at **100 Ohms** to match networking equipment requirements. ### B. Shielding and Grounding * **EMI/RFI Protection:** The part features robust shielding (usually a tinned copper braid or aluminum foil) to prevent Electromagnetic Interference. * **Grounding:** The metal housing of the connector is electrically bonded to the cable shield to ensure a continuous ground path. ### C. Contact Resistance * **Low Resistance:** The gold-plated contacts ensure a low-resistance connection (typically **< 20 mΩ**), preventing signal attenuation and oxidation over time. --- ## 3. Part Number Decoder (Typical) While manufacturers vary slightly, the suffixing usually follows this logic: | Segment | Meaning | | :--- | :--- | | **A-MCSSP** | Assmann Modular Connector Shielded Series | | **60030** | Length or specific technical configuration (e.g., 3.0 meters) | | **-R** | Red Color (Commonly used for color-coding in server racks) | | **-R** | RoHS Compliant (Environmentally friendly manufacturing) | --- ## 4. Common Applications * **Industrial Automation:** Connecting PLCs to local networks in high-noise environments. * **Data Centers:** High-density patching where shielding is required to prevent crosstalk between adjacent cables. * **Telecommunications:** Reliable data transmission for outdoor or ruggedized hardware.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the A-MCSSP60030-R-R?
    • ⤷ How does the shielding in this part compare to UTP cables?
    • ⤷ Is this part rated for outdoor or IP67 waterproof environments?