전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A-MCSSP60100G-R

  • AI
    ## A-MCSSP60100G-R: Electronic Component Analysis The **A-MCSSP60100G-R** is a high-performance **Cat6a Shielded (S/FTP) Patch Cable** manufactured by ASSMANN WSW Components. While it is a passive assembly, its construction involves specific electronic and material engineering to support high-speed data transmission. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Category** | Cat6a (10 Gigabit Ethernet) | | **Cable Type** | S/FTP (Shielded Foiled Twisted Pair) | | **Connector Type** | RJ45 (8P8C) | | **Length** | 10.0 Meters | | **Color** | Green | | **Manufacturer** | ASSMANN WSW Components | --- ### 2. Electronic Construction & Parts The performance of this cable is dictated by its internal physical components, which are designed to minimize electromagnetic interference (EMI) and signal attenuation. #### A. The Conductors * **Material:** 100% Bare Copper (BC). * **Gauge:** Typically **26/7 AWG** (Stranded). * **Function:** Stranded copper provides flexibility for patch environments while maintaining low DC resistance, ensuring the signal reaches the destination with minimal loss. #### B. Shielding Architecture (S/FTP) This cable uses a dual-layer shielding method to achieve 500MHz bandwidth: 1. **Individual Pair Shielding (PIMF):** Each of the 4 twisted pairs is wrapped in an aluminum polyester foil. This eliminates **Near-End Crosstalk (NEXT)** between internal pairs. 2. **Overall Braid Shielding:** A tin-plated copper braid surrounds all four pairs. This acts as a Faraday cage, protecting the signal from external **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**. #### C. RJ45 Connector Assembly * **Contacts:** Gold plating (typically 50µ") over nickel. Gold prevents oxidation and ensures a low-resistance physical connection. * **Shielding:** The RJ45 housing is encased in metal to ensure the cable's braid shield makes a continuous electrical ground with the hardware port. * **Strain Relief:** Molded "snagless" boots protect the locking clip and prevent the wire from fraying at the termination point. --- ### 3. Electrical Performance Ratings | Parameter | Value | | :--- | :--- | | **Bandwidth** | Up to 500 MHz | | **Data Rate** | 10 Gbps (10GBASE-T) | | **PoE Compatibility** | Supports PoE, PoE+, and PoE++ (Type 3/4) | | **Jacket Material** | LSZH (Low Smoke Zero Halogen) | --- ### 4. Application Context The "R" suffix often denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards, ensuring the electronic parts do not contain lead, mercury, or cadmium. This cable is primarily used in data centers and server rooms where high-density cabling requires superior shielding to prevent signal degradation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between S/FTP and U/UTP in terms of signal integrity?
    • ⤷ Does the 10-meter length affect the 10Gbps speed rating of this cable?
    • ⤷ Is this cable compatible with standard Cat6 or Cat5e network ports?