A-MCSSP60200G-R
AI

The **A-MCSSP60200G-R** is a high-performance, shielded Ethernet patch cable (Cat6) manufactured by **ASSMANN WSW Components**. It is designed for high-speed data transmission in environments where electromagnetic interference (EMI) is a concern.
---
### 1. Technical Specifications
The following table outlines the primary electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Category** | Cat6 (Gigabit Ethernet) |
| **Shielding Type** | S/FTP (Screened/Foiled Twisted Pair) |
| **Connector Type** | RJ45 (8P8C) |
| **Cable Length** | 2.0 Meters (approx. 6.5 feet) |
| **Color** | Green |
| **Jacket Material** | LSZH (Low Smoke Zero Halogen) |
| **Conductor Material** | Copper |
| **Wiring Standard** | TIA/EIA 568B |
---
### 2. Key Electronic Components & Features
#### A. S/FTP Shielding Architecture
This part utilizes a dual-layer shielding method:
* **Individual Foil Shielding:** Each of the four twisted pairs is wrapped in aluminum foil. This minimizes **crosstalk** between the internal pairs.
* **Outer Braid Shield:** An overall copper braid surrounds all pairs. This provides a path to ground for **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**, ensuring signal integrity in industrial or high-density server environments.
#### B. LSZH (Low Smoke Zero Halogen) Jacket
The "electronic" safety aspect of the jacket is crucial for infrastructure. In the event of a fire caused by electrical shorts:
* It emits very limited smoke.
* It produces no toxic halogen gases (like chlorine or fluorine), protecting sensitive electronic equipment from corrosion and ensuring human safety.
#### C. Gold-Plated Contacts
The RJ45 connectors feature gold-plated pins (typically 3μ to 50μ). Gold is used because it is highly conductive and resistant to oxidation, ensuring a low-resistance connection over thousands of mating cycles.
---
### 3. Application Use Cases
* **Data Centers:** Connection between rack-mounted servers and switches.
* **Industrial Automation:** Used where heavy machinery might generate electrical noise that disrupts standard UTP cables.
* **High-Speed Networking:** Supports speeds up to 1000Mbps (1Gbps) and bandwidths up to 250MHz.
---
### 4. Part Number Breakdown
`A-MCSSP60200G-R`
* **A-MCSS**: Assmann Shielded Category 6 series.
* **P**: Patch Cable.
* **60**: Category 6 specification.
* **200**: Length (200 cm / 2.0 meters).
* **G**: Green Color.
* **-R**: RoHS Compliant.
- ⤷
What is the difference between S/FTP and UTP in terms of signal noise reduction?
- ⤷ Does this cable support Power over Ethernet (PoE) applications?
- ⤷ What are the specific advantages of an LSZH jacket over a standard PVC jacket?