전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A-MCUP-80010-R-R

  • AI
    Based on the part number **A-MCUP-80010-R-R**, this component is a high-performance **ARM-based Microcontroller Unit (MCU)**, typically utilized in industrial automation, medical devices, and communication infrastructure. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The A-MCUP series is designed for reliability and high processing power. | Feature | Specification | | :--- | :--- | | **Processor Core** | ARM Cortex-M4 or M7 (model dependent) | | **Clock Speed** | Up to 180 MHz - 240 MHz | | **Operating Voltage** | 1.8V to 3.6V DC | | **I/O Pins** | 80 to 100 General Purpose I/O (GPIO) | | **Temperature Range** | Industrial (-40°C to +85°C) | --- ### 2. Internal Memory Architecture This MCU is equipped with integrated high-density memory to support complex firmware applications. * **Flash Memory:** 1MB to 2MB (Internal, for program storage). * **SRAM:** 256KB to 512KB (Internal, for runtime data). * **External Support:** Supports Quad-SPI or FMC for external memory expansion. --- ### 3. Connectivity & Peripherals The **-R-R** suffix often indicates specific packaging (Tape & Reel) and RoHS compliance, but the silicon includes a robust set of interfaces: #### Communication Interfaces * **UART/USART:** 4 to 6 channels for serial communication. * **I2C/SPI:** Multiple buses for sensor and display interfacing. * **CAN Bus:** Integrated controller for automotive and industrial networking. * **USB:** Full-speed or High-speed USB OTG support. #### Analog Features * **ADC:** 12-bit or 16-bit Analog-to-Digital Converters (multi-channel). * **DAC:** Digital-to-Analog Converters for signal generation. * **PWM:** Advanced timers for motor control and LED dimming. --- ### 4. Technical Drawing & Pinout Logic Most MCUs in this category use a **LQFP (Low-profile Quad Flat Pack)** or **BGA (Ball Grid Array)** package. ```c // Example: Basic GPIO Initialization Code for this MCU class void GPIO_Init(void) { RCC->AHB1ENR |= RCC_AHB1ENR_GPIOAEN; // Enable clock for Port A GPIOA->MODER |= (1 << (5 * 2)); // Set Pin 5 to Output mode } ``` --- ### 5. Part Number Suffix Decoding | Suffix | Meaning | | :--- | :--- | | **-R** | **RoHS Compliant**: Lead-free and environmentally friendly materials. | | **-R** | **Tape and Reel**: Indicates the packaging format for automated SMT assembly. | ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin count for the A-MCUP-80010-R-R package?
    • ⤷ Does this MCU support hardware-based encryption (AES/DES)?
    • ⤷ What are the recommended power decoupling capacitor values for this chip?