전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A101K1CWCQ0Q

  • AI
    ## Analysis of Component A101K1CWCQ0Q The part number **A101K1CWCQ0Q** refers to a high-quality, miniature toggle switch manufactured by **TE Connectivity / Alcoswitch** (or formerly under the Gemini series). It is designed for PCB mounting and features environmental sealing. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Circuit Type** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON-NONE-ON | | **Current Rating** | 5A @ 120VAC / 28VDC; 2A @ 250VAC | | **Mounting Type** | Through Hole (PC Tail) | | **Actuator Style** | Locking Lever (K1 Style) | | **Bushing Type** | Threaded with Water-tight Seal (CW) | | **Contact Material** | Silver (Q) | | **Termination** | Solder Lead / PC Pin | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the switch's build: 1. **A1**: Series designation (Gemini Series Miniature Toggle). 2. **01**: Circuit Function (SPDT, On-On). 3. **K1**: Actuator Style (specifically a **locking lever** which prevents accidental switching). 4. **CW**: Bushing style (Large, threaded, and **environmentally sealed** with an internal O-ring). 5. **Q**: Contact Material (Silver - ideal for power applications). 6. **0**: Standard RoHS compliance/Finish code. 7. **Q**: Final packaging/Termination identifier. --- ### 3. Key Electronic & Mechanical Features * **Locking Lever Mechanism:** The "K1" actuator requires the user to pull the lever up before it can be moved to the other position. This is a safety feature used in critical applications to prevent bumping the switch into the wrong state. * **Environmental Sealing (Splash Proof):** The "CW" designation indicates that the switch is sealed against moisture and dust at the panel interface. It typically meets **IP67** standards for the front panel. * **Contact Performance:** Using silver contacts allows for a higher current capacity (up to 5 Amps) compared to gold-plated versions, which are usually reserved for low-current logic levels. --- ### 4. Common Applications Due to its locking nature and environmental sealing, this part is commonly found in: * **Industrial Control Panels:** Where accidental operation could cause machine damage. * **Outdoor Equipment:** Where exposure to rain or splashing water is likely. * **Medical Devices:** Where settings must remain fixed during patient movement. * **Aerospace/Defense:** For toggle functions that must remain secure under vibration.
    ✨ Follow-up Questions
    • ⤷ What is the difference between silver and gold contacts for this switch series?
    • ⤷ Can this switch be mounted on a standard breadboard?
    • ⤷ What is the physical dimensions of the 'K1' locking lever?