전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A107S1-RSCG-E

  • AI
    ## Electronic Analysis of A107S1-RSCG-E The **A107S1-RSCG-E** is a high-performance, sub-miniature toggle switch manufactured by **CIT Relay & Switch**. It is designed for applications requiring high reliability and a compact footprint, such as telecommunications, medical equipment, and instrumentation. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Switch Function** | SPDT (Single Pole Double Throw) | | **Circuit Logic** | ON-NONE-ON | | **Contact Rating** | 5A @ 120VAC / 28VDC; 2A @ 250VAC | | **Contact Resistance** | < 10 mΩ initial | | **Insulation Resistance** | > 1000 MΩ min | | **Dielectric Strength** | 1000 Vrms min @ sea level | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details regarding the construction and materials of the component: * **A107**: Indicates the Series and Basic Function (SPDT ON-NONE-ON). * **S1**: Refers to the **Actuator Style**. "S1" typically denotes a standard short bat/toggle handle. * **RSCG**: Denotes the **Bushing and Terminal style**. * **RS**: Right Angle, PC Pin mounting. * **CG**: Contact Material (Gold over Silver). This ensures both high conductivity and corrosion resistance. * **E**: Represents **Epoxy Seal**. The terminals are sealed at the base to prevent contamination (flux, dust, or cleaning solvents) from entering the switch body during soldering. --- ### 3. Material Construction Below is the composition of the internal and external electronic parts: | Component | Material | | :--- | :--- | | **Case** | Diallyl Phthalate (DAP), UL94V-0 | | **Actuator** | Brass, Chrome Plated | | **Housing** | Stainless Steel | | **Contacts** | Silver or Gold Plated Copper Alloy | | **Terminals** | Silver or Gold Plated Copper Alloy | --- ### 4. Implementation Details #### Circuit Configuration (SPDT) The switch features three terminals. Depending on the toggle position, the center common pin (2) is connected to either pin (1) or pin (3). ```text Position 1 (Left): Pin 2 connected to Pin 3 Position 2 (Center): None Position 3 (Right): Pin 2 connected to Pin 1 ``` #### Mounting Style The **RSCG** designation indicates a **Right Angle P.C. Mount**. This is ideal for side-panel interfaces where the switch needs to be perpendicular to the Printed Circuit Board (PCB). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using Gold over Silver (CG) contacts in this switch?
    • ⤷ Can this switch be used for low-current 'dry circuit' applications?
    • ⤷ What is the mechanical life expectancy of the A107 series?