전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A121-R

  • AI
    The **A121-R** refers to a specific entry in the **A121 series of Pulsed Coherent Radar (PCR)** sensors developed by Acconeer. This is a high-precision, ultra-low-power radar system operating in the 60 GHz ISM band. The "-R" typically denotes the **Reel** packaging for industrial manufacturing (Surface Mount Technology), but the core electronics remain consistent with the A121 architecture. --- ### 1. Key Technical Specifications The A121-R is a System-in-Package (SiP) that integrates a complete radar system into a tiny footprint. | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 57.0 – 64.0 GHz (ISM Band) | | **Detection Range** | Up to 20 meters | | **Resolution** | Millimeter-level precision | | **Update Rate** | Up to 1500 Hz | | **Interface** | SPI (Serial Peripheral Interface) | | **Voltage Supply** | 1.8V (Digital/Analog) | | **Package Size** | 5.2 x 5.5 x 0.88 mm (fcBGA) | --- ### 2. Core Electronic Components (Internal) The SiP architecture of the A121-R contains three primary internal sections: * **Integrated Antennas:** Unlike traditional radar chips, the A121-R includes **AIP (Antenna in Package)**. This eliminates the need for complex high-frequency PCB design by the user. * **Radio Frequency (RF) Front-end:** Contains the 60 GHz transmitter and receiver. It uses pulsed coherent technology, which allows the sensor to remain in a "sleep" state between micro-pulses to save power. * **Baseband and Digital Control:** Includes the Analog-to-Digital Converters (ADC), hardware accelerators for signal processing, and the SPI control logic for communicating with an external Microcontroller (MCU). --- ### 3. External Circuit Requirements To integrate the A121-R into a circuit, specific peripheral electronics are required: #### A. Power Supply * Requires a stable **1.8V supply**. * Decoupling capacitors (typically 100nF and 1uF) must be placed as close as possible to the VDD pins to minimize noise. #### B. Clock Source * Requires an external crystal oscillator or an external clock signal. * Common frequency: **24 MHz** (Reference Clock). #### C. Host Interface * **SPI:** SCK, MOSI, MISO, and SS. * **Control Pins:** `ENABLE` (to wake the chip) and `INTERRUPT` (to signal the MCU that data is ready). --- ### 4. Typical Applications Because of its small size and low power consumption, the A121-R is used in: * **Level Sensing:** Measuring liquid or waste levels in tanks. * **Presence Detection:** Detecting human breathing or micro-movements for smart lighting. * **Gesture Control:** Non-contact interfaces for electronics. * **Robotics:** Obstacle avoidance and high-precision docking. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the A111 and the A121-R sensors?
    • ⤷ Can the A121-R detect through materials like plastic or wood?
    • ⤷ Which microcontrollers are recommended for interfacing with the A121-R?