전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A19-R

  • AI
    The **A19-R** typically refers to a standard LED replacement bulb (A19 shape) with specific characteristics—often a **"Rough Service"** or **"Red"** designation depending on the manufacturer. Below is an explanation of the electronic components and internal architecture of a standard high-quality A19-R LED lamp. --- ### 1. Key Component Overview The internal electronics of an A19-R are divided into the **LED Array** and the **Driver Circuitry**. | Component | Function | Material/Type | | :--- | :--- | :--- | | **LED Chips** | Converts electrical energy into light. | Gallium Nitride (GaN) or AlGaInP (for red). | | **LED Driver** | Converts AC mains voltage to constant DC current. | Switching or Linear Integrated Circuit. | | **Heat Sink** | Dissipates thermal energy to prevent chip degradation. | Aluminum or Thermal Plastic. | | **Capacitors** | Smooths electrical ripples to prevent flickering. | Electrolytic or Ceramic. | | **Bridge Rectifier** | Converts AC input from the socket to DC. | Diode Bridge (SMD). | --- ### 2. Deep Dive: The Electronic Architecture #### A. The Driver Circuit (The "Brain") Since household outlets provide 120V/230V AC and LEDs require low-voltage DC, the driver is the most critical electronic part. In an **A19-R (Rough Service)**, the driver is often "potted" (encased in resin) to protect against vibration. * **Input Protection:** Includes a **MOV (Metal Oxide Varistor)** to protect against voltage surges and a **Fuse** for fire safety. * **Step-Down Transformation:** Usually employs a Buck Converter or a Flyback Transformer to lower the voltage efficiently. #### B. The LED Board (Light Source) The LEDs are mounted on a **Metal Core Printed Circuit Board (MCPCB)**. This board acts as a bridge to move heat away from the tiny LED junctions to the main heat sink. * If the "R" stands for **Red**, the chips are specifically doped to emit a 620-675nm wavelength. * If the "R" stands for **Rough Service**, the solder joints are often reinforced with higher-tensile alloys to prevent cracking under mechanical stress. #### C. Optics and Housing * **Diffuser:** A polycarbonate or glass shell treated with a phosphor coating (for white light) or tinting. * **Edison Base (E26/E27):** The nickel-plated brass screw base that provides the electrical interface. --- ### 3. Technical Specifications Table | Feature | Standard Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC | | **Power Factor** | >0.7 (Typical) | | **Operating Temp** | -20°C to +45°C | | **Drive Method** | Constant Current (CC) | | **Dimmability** | Dependent on TRIAC compatibility in the IC | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a linear driver and a switching driver in A19 bulbs?
    • ⤷ How does 'Rough Service' (R-rating) affect the internal soldering of the bulb?
    • ⤷ Which electronic component is most likely to fail first in an A19-R LED?