전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A2D-R

  • AI
    The **A2D-R** series refers to a specific class of high-performance **Class RK1 current-limiting fuses** manufactured by Mersen (formerly Ferraz Shawmut). These are critical electronic safety components used to protect electrical circuits from overcurrent and short-circuit conditions. --- ## 1. Core Technical Specifications The A2D-R fuses are designed for high-power industrial applications. Their primary role is to "limit" the energy let-through during a fault, preventing damage to downstream components like motor starters and circuit breakers. | Feature | Specification / Detail | | :--- | :--- | | **Voltage Rating** | 600VAC / 600VDC | | **Interrupting Rating** | 200kA RMS (AC) / 100kA (DC) | | **Fuse Class** | Class RK1 | | **Time-Delay** | Yes (Dual-element) | | **Current Range** | 1/10A to 600A | --- ## 2. Key Internal Components The internal construction of an A2D-R fuse distinguishes it from standard "fast-acting" fuses: ### A. Dual-Element Construction Unlike simple fuses, the A2D-R contains two distinct elements: 1. **Thermal Element:** Handles low-level overloads. It consists of a solder-joint mechanism that melts if a moderate overload persists for a specific duration (providing the "time-delay"). 2. **Magnetic/Instantaneous Element:** A notched copper or silver ribbon designed to vaporize instantly during high-current short circuits. ### B. Arc Quenching Material The body is filled with high-purity **Silica Sand**. When the element blows, the sand absorbs the heat and turns into glass (fulgurite), which acts as an insulator to extinguish the electrical arc. ### C. Body and Terminals * **Body:** High-grade fiberglass (GMG) or ceramic for superior dimensional stability and heat resistance. * **End Caps:** Tin-plated copper alloy for high conductivity and oxidation resistance. --- ## 3. Performance Characteristics ### Time-Delay Functionality The "R" in A2D-R signifies the time-delay characteristic. This is crucial for circuits involving **Inductive Loads** (like motors or transformers). It allows for the high "in-rush" current during startup without blowing the fuse, but still trips if a genuine long-term overload occurs. ### Current Limitation (Class RK1) As an RK1 fuse, the A2D-R is extremely "fast" at high fault levels. It limits the peak current to a much lower value than the available fault current, which: * Reduces **Arc Flash** energy. * Prevents mechanical stress on busbars and cables. * Provides superior "Type 2" protection for solid-state motor controllers. --- ## 4. Typical Applications * Motor branch circuits and control centers. * Transformer protection. * General-purpose feeder and branch circuits. * Protection of non-inductive loads (lighting, heating) where high interrupting capacity is needed.
    ✨ Follow-up Questions
    • ⤷ What is the difference between A2D-R (Class RK1) and A6D-R fuses?
    • ⤷ How does the time-delay feature prevent nuisance tripping in motor circuits?
    • ⤷ Can A2D-R fuses be used in DC solar power applications?