전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A413-R

  • AI
    The **A413-R** typically refers to a specific variant of a professional-grade **Passive Infrared (PIR) Motion Sensor** or a specialized **Solenoid Valve Controller**, depending on the manufacturer (commonly associated with lighting controls or automotive transmission solenoids). Assuming you are referring to the **PIR Motion Sensor (A413-R series)** commonly used in security and automation, here is the breakdown of its electronic components and specifications. --- ## 1. Core Electronic Components | Component | Function | | :--- | :--- | | **Pyroelectric Sensor** | The "heart" of the device; detects changes in infrared radiation (heat) emitted by humans or animals. | | **Fresnel Lens** | The plastic cover that focuses infrared energy onto the pyroelectric sensor, defining the detection range and zones. | | **Signal Processor (IC)** | An integrated circuit that filters noise and determines if the IR change constitutes a valid "motion" event. | | **Relay (The "R" Suffix)** | The "R" usually stands for **Relay Output**. This mechanical or solid-state switch allows the sensor to control external loads (lights, sirens). | | **Potentiometers** | Adjustable resistors used to calibrate **Sensitivity** and **Time Delay**. | | **Voltage Regulator** | Ensures the internal logic receives a stable DC voltage (usually 5V or 3.3V) regardless of input fluctuations. | --- ## 2. Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V - 24V DC / AC | | **Output Type** | Dry Contact Relay (NO/NC) | | **Detection Angle** | 110° to 360° (depending on mounting) | | **Detection Range** | Up to 12 meters | | **Operating Temp** | -20°C to +50°C | --- ## 3. Circuit Logic & Wiring The A413-R operates on a simple logic loop: 1. **Power Input:** Receives constant power to keep the sensor active. 2. **Detection:** The Pyroelectric sensor detects a heat signature moving across its zones. 3. **Processing:** The IC compares the pulse to a threshold; if it exceeds it, a signal is sent to the transistor. 4. **Switching:** The transistor energizes the **Relay coil**, closing (or opening) the circuit to the connected device. ### Example Wiring Diagram Concept ```text [ Power + ] ----> [ V+ Terminal ] [ Power - ] ----> [ V- Terminal ] [ Load ] <------- [ Relay NO ] [ Power + ] ----> [ Relay COM ] ``` --- ## 4. Troubleshooting Electronic Issues * **False Triggers:** Often caused by electromagnetic interference (EMI) or heat sources (radiators) near the Fresnel lens. * **Relay Clicking but No Output:** Indicates the internal relay is functioning, but the fuse or the external load circuit is broken. * **Constant High Signal:** Usually suggests a failure in the Pyroelectric sensor or a short circuit in the output transistor.
    ✨ Follow-up Questions
    • ⤷ How do I adjust the sensitivity and time delay on the A413-R?
    • ⤷ What is the maximum current load the relay in the A413-R can handle?
    • ⤷ Is the A413-R sensor compatible with 110V/220V AC systems?