전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A4P3N-R

  • AI
    The **A4P3N-R** is a specific model of an **industrial power relay** (typically associated with brands like Panasonic or similar industrial control manufacturers). It is designed for high-current switching applications in automation and control systems. --- ### ## Technical Specifications Below are the primary electronic characteristics of the A4P3N-R relay: | Parameter | Specification | | :--- | :--- | | **Component Type** | Electromechanical Power Relay | | **Contact Configuration** | 4-Pole (4 Form A / 4 NO) | | **Contact Rating** | Typically 3A to 5A per pole | | **Coil Voltage** | Varies by sub-model (Commonly 12V or 24V DC) | | **Mounting Type** | PCB Mount or Socket Mount | | **Termination Style** | PC Pin or Plug-in | --- ### ## Key Electronic Components & Construction #### 1. The Coil (Electromagnet) The heart of the A4P3N-R is the copper wire coil. When electrical current flows through this coil, it generates a magnetic field that pulls an internal armature to close the contacts. It is designed for low power consumption to prevent overheating during continuous operation. #### 2. Contact Material The contacts are usually made of **Silver Alloy** (e.g., AgNi or AgSnO2). This material is chosen for its: * High electrical conductivity. * Resistance to "welding" (sticking) during high-current surges. * Reduced oxidation over time. #### 3. 4-Pole Architecture The "4P" in the part number indicates it is a **4-Pole** device. This means it can control four independent electrical circuits simultaneously with a single trigger signal. This is ideal for switching 3-phase motors plus an auxiliary signal line. #### 4. Protective Housing The "R" suffix often denotes a **Resin-sealed** or dust-protected construction. This allows the relay to function in harsh industrial environments where dust or moisture might interfere with the mechanical movement of the armature. --- ### ## Application Use Cases * **PLC Output Interfaces:** Protecting sensitive PLC outputs from high-load machinery. * **Motor Control:** Small 3-phase motor starting and stopping. * **Signal Multiplexing:** Switching multiple signals at once in test equipment. * **Safety Interlocks:** Ensuring multiple circuits are broken or completed at the exact same moment. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the A4P3N-R variant you are using?
    • ⤷ Does the A4P3N-R require a specific socket for DIN rail mounting?
    • ⤷ What are the differences between the 'N' and 'R' suffixes in this part series?