전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A7M3N-R

  • AI
    The **A7M3N-R** refers to a specific industrial-grade motherboard/SBC (Single Board Computer) often used in embedded systems, digital signage, and specialized POS terminals. It is typically based on the **AMD R-Series or G-Series** architecture (specifically the Merlin Falcon or Brown Falcon families). Below is an overview of its core electronic components and technical specifications. --- ### 1. Core Processor and Architecture The board is designed for high-performance graphics and low power consumption. | Component | Specification | | :--- | :--- | | **CPU/APU** | AMD Embedded R-Series (Merlin Falcon) | | **Architecture** | x86-64 bits, "Excavator" cores | | **Graphics (GPU)** | Integrated AMD Radeon HD 10000 series | | **Thermal Design (TDP)** | Scalable (typically 12W to 35W) | ### 2. Memory and Storage Interfaces The board utilizes standard industrial interfaces to balance speed and reliability. * **RAM:** Usually features 2x DDR4 SO-DIMM slots, supporting up to 32GB (depending on the specific revision). * **SATA:** 1 to 2 SATA III (6Gb/s) ports for traditional SSDs or HDDs. * **mSATA/M.2:** Most variants include an M.2 slot (Key M) for high-speed NVMe or SATA storage modules. ### 3. Connectivity and I/O Ports The electronic layout is dense, providing various headers for industrial peripherals. | Interface Type | Quantity/Details | | :--- | :--- | | **Video Output** | 2x HDMI or DisplayPort (Supports 4K resolution) | | **Ethernet** | 2x RJ45 Gigabit LAN (often Intel or Realtek controllers) | | **USB** | 4x USB 3.0 (External) + internal headers for USB 2.0 | | **Serial Ports** | Multiple RS-232/422/485 headers (critical for industrial CNC/Sensors) | | **Expansion** | 1x Mini-PCIe slot for Wi-Fi/Bluetooth or 4G modules | ### 4. Power Circuitry * **Input Voltage:** Designed for a wide DC input (usually **12V to 24V DC**). * **VRM (Voltage Regulator Modules):** Solid capacitors are used to ensure longevity in 24/7 operating environments, protecting the APU from voltage spikes. --- ### Technical Summary The A7M3N-R is characterized by its **Heterogeneous System Architecture (HSA)**, which allows the CPU and GPU to work seamlessly on the same memory bus. This makes the electronic design ideal for heavy parallel processing tasks like video transcoding or medical imaging.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the A7M3N-R in an enclosed chassis?
    • ⤷ Does this board support ECC (Error Correction Code) memory?
    • ⤷ What are the specific physical dimensions (Form Factor) of the A7M3N-R?