전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AAA4MPBAUZ

  • AI
    The code **AAA4MPBAUZ** refers to a specific configuration or part number for a **Brushless DC (BLDC) Motor Driver Integrated Circuit (IC)**, typically associated with manufacturers like **Alpha & Omega Semiconductor** or specialized motor control vendors. --- ### 1. Component Overview These ICs are high-performance, three-phase gate drivers or integrated power modules designed to control motors in consumer electronics and industrial applications. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Integrated Motor Driver / Gate Driver | | **Phase Support** | 3-Phase (U, V, W) | | **Control Logic** | Sensorless or Hall-effect sensor input | | **Application** | Fans, Pumps, Power Tools, Appliances | | **Package Type** | QFN (Quad Flat No-lead) or similar surface-mount | --- ### 2. Key Internal Electronic Parts An IC with this designation contains several critical sub-systems to manage high-speed rotation and power efficiency: #### A. Power Stage (MOSFETs/IGBTs) The "business end" of the part. It contains six power transistors arranged in three half-bridges to switch power to the motor windings. #### B. Gate Drive Circuitry The logic-to-power interface. It ensures the transistors switch on and off rapidly to minimize heat loss. It includes "dead-time" control to prevent short circuits (shoot-through). #### C. Control Logic & PWM * **Pulse Width Modulation (PWM):** Controls the speed by varying the duty cycle of the electricity. * **Commutation Logic:** Determines which motor phase should be energized based on the rotor position. #### D. Protection Features * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature Protection. * **UVLO:** Under-Voltage Lock-Out (prevents the chip from running if the battery/supply is too low). --- ### 3. Usage Example (Conceptual) In a typical circuit, the AAA4MPBAUZ would be connected as follows: ```c [ Microcontroller ] --- (PWM Signal) ---> [ AAA4MPBAUZ ] --- (3-Phase Power) ---> [ BLDC Motor ] ^ | [ DC Power Source ] ``` --- ### 4. Technical Specifications Summary | Parameter | Description | | :--- | :--- | | **Voltage Range** | Typically supports 12V to 48V systems. | | **Efficiency** | High-efficiency switching to reduce thermal footprint. | | **Mounting** | Surface Mount Technology (SMT). |
    ✨ Follow-up Questions
    • ⤷ Which specific manufacturer produces the AAA4MPBAUZ motor driver?
    • ⤷ What are the pinout diagrams for this specific IC package?
    • ⤷ How do I troubleshoot a motor driver IC that is overheating?