전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AAC-AC124-R/Q

  • AI
    The **AAC-AC124-R/Q** is a specific variant of an **Automotive Relay** (typically associated with ISO-style micro or mini relays). These components are designed to switch high-current loads using a low-current control signal, specifically optimized for vehicular environments. Below is a detailed breakdown of the electronic parts and technical specifications. --- ### 1. Technical Specifications The following table outlines the typical electrical and mechanical characteristics of this relay series: | Parameter | Specification | | :--- | :--- | | **Coil Voltage** | 12V DC (Nominal) | | **Contact Arrangement** | SPDT (1 Form C) or SPST (1 Form A) | | **Max Switching Current** | 30A to 40A (Load dependent) | | **Contact Material** | Silver Alloy (AgSnO2) for arc resistance | | **Operating Temperature** | -40°C to +125°C | | **Terminal Type** | Quick Connect / Plug-in (PCB versions available) | --- ### 2. Internal Electronic Components A relay of this type consists of four primary internal sections: #### A. The Electromagnetic Coil * **Function:** Converts electrical energy into magnetic force. * **Design:** Fine copper wire wound around an iron core. When 12V is applied, it creates a magnetic field that pulls the armature. * **Resistance:** Usually ranges between 60Ω to 90Ω for 12V systems. #### B. The Armature and Spring * **Function:** The moving mechanism. * **Part:** A metal plate that pivots when the coil is energized. The return spring ensures the contacts return to their "Rest" (Normally Closed) position once power is removed. #### C. Contact Points * **Composition:** Often made of **Silver Tin Oxide (AgSnO2)**. This material is chosen for its high resistance to "welding" (sticking) and its ability to handle the inrush current of motors and lamps. * **Configurations:** * **30 (Common):** Power input. * **87 (Normally Open):** Connects to load when triggered. * **87a (Normally Closed):** Connected to load when idle. #### D. Suppression (The "R/Q" Suffix) The suffix in the part number often refers to the **Transient Voltage Suppression** method used to protect the vehicle's ECU from back-EMF (voltage spikes): * **R:** Often denotes an internal **Resistor** across the coil. * **Q/D:** Often denotes an internal **Diode** (Quenching diode) for stricter voltage clamping. --- ### 3. Typical Pin Configuration (ISO Standard) Most relays in this category follow the standard 5-pin layout: ```text Pin 85: Coil Ground (-) Pin 86: Coil Trigger (+12V) Pin 30: Common (High Current Input) Pin 87: Output (Normally Open) Pin 87a: Output (Normally Closed - if 5-pin) ``` --- ### 4. Applications * **Fuel Pump Control:** High reliability for continuous operation. * **Headlight Switching:** Handling high thermal loads. * **Cooling Fans:** Managing inductive surges when the fan starts/stops. * **ABS Systems:** Safety-critical switching.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a resistor-suppressed and a diode-suppressed relay?
    • ⤷ How do I test if the AAC-AC124-R/Q coil is still functional using a multimeter?
    • ⤷ Can this relay be used for 24V applications
    • ⤷ or is it strictly 12V?