전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AB08X5-RTC

  • AI
    The **AB08X5** series (specifically the AB0805 and AB0815) from Abracon is a family of ultra-low-power CMOS Real-Time Clock (RTC) modules. These parts are highly regarded for their power efficiency and integration, often used in battery-operated IoT devices. --- ## 1. Core Technical Specifications The AB08X5 parts are designed to maintain time with minimal current draw. | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 1.5V to 3.6V | | **Current Consumption** | 14 nA to 55 nA (typical) | | **Interface** | I2C (AB0805) or SPI (AB0815) | | **Package** | 3.0 x 3.0 mm QFN-16 | | **Temperature Range** | -40°C to +85°C | --- ## 2. Key Electronic Components & Internal Architecture The AB08X5 is more than just a counter; it integrates several functional blocks that reduce the need for external components. ### A. Power Management Block * **Power Switchover:** The chip includes an integrated power switch that automatically toggles between the main system power ($V_{CC}$) and a backup source (battery or supercapacitor) when $V_{CC}$ drops below a threshold. * **Trickle Charger:** It features a programmable internal trickle charger for charging backup capacitors. ### B. Oscillator Circuitry * **External Crystal Support:** Designed to work with standard 32.768 kHz tuning-fork crystals. * **Autocalibration:** Includes digital calibration logic to compensate for crystal frequency drift due to temperature or aging. * **RC Oscillator:** Features an internal low-power RC oscillator that can act as a backup if the external crystal fails. ### C. Counters and Alarms * **Timekeeping:** Tracks hundredths of seconds, seconds, minutes, hours, day, date, month, and year. * **Watchdog Timer:** A programmable watchdog timer that can issue a reset to a stalled microcontroller. * **Alarms:** Two independent alarms with repeat capabilities (e.g., daily, weekly). --- ## 3. Connectivity and I/O The chip interacts with a host Microcontroller (MCU) through a few specific pins: * **SCL/SDA (or SCLK/SDI/SDO):** Communication lines for setting time and reading registers. * **WDI (Watchdog Input):** Used to "pet" the watchdog timer. * **nRST (Reset Output):** An open-drain output to reset the system MCU. * **FOUT/nIRQ:** A multi-functional pin that can output a square wave or signal an interrupt (alarm/timer). --- ## 4. Why Use AB08X5? 1. **Extreme Battery Life:** In many applications, the RTC is the only part of the circuit that remains "on" during sleep modes. The 14nA draw is significantly lower than most MCU internal RTCs. 2. **System Recovery:** The hardware watchdog can recover a frozen system, which is critical for remote sensors. 3. **Space Saving:** The QFN-16 package is very small, and the integration of the power switch reduces the Bill of Materials (BOM).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AB0805 and AB0815 variants?
    • ⤷ How does the power switchover mechanism handle supercapacitors versus primary batteries?
    • ⤷ What are the recommended external crystal specifications for this RTC?