전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AB440-R

  • AI
    The **AB440-R** typically refers to an Automatic Voltage Regulator (AVR) commonly used in brushless AC generators (alternators). It is an electronic device designed to maintain a constant output voltage by controlling the excitation current sent to the generator's exciter field. --- ### ## Technical Specifications Overview The following table summarizes the typical electronic characteristics of the AB440-R module: | Component / Feature | Specification | | :--- | :--- | | **Sensing Input** | 190-264V AC max, 1 phase, 2 wire | | **Frequency** | 50-60 Hz nominal | | **Power Input** | 140-220V AC max, 3 phase, 3 wire | | **Output (DC)** | Max 90V DC at 207V AC input | | **Current** | Continuous 4A, Intermittent 6A for 10 secs | | **Regulation** | +/- 1.0% | | **Soft Start Ramp Time** | 2 seconds | --- ### ### Key Electronic Components and Functions #### 1. Sensing Circuit This part monitors the output voltage of the generator. It compares the actual voltage against a pre-set reference. If the voltage drops (e.g., due to an increased load), the sensing circuit triggers the power circuit to increase the magnetic field. #### 2. Power Circuit (Rectifier/Thyristor) The AB440-R uses a series of diodes and thyristors (SCRs) to convert the AC input from the stator or auxiliary winding into a controlled DC output. This DC current is fed to the **Exciter Stator**. #### 3. Under Frequency Roll-Off (UFRO) Circuit This is a protection feature. If the engine speed (RPM) drops below a certain threshold (detected via frequency), the UFRO circuit reduces the output voltage to prevent the generator from overheating or sustaining damage. #### 4. Stability Adjustment An internal potentiometer (variable resistor) allows the user to adjust the "damping" of the system. This prevents the voltage from "hunting" or oscillating uncontrollably when loads change. --- ### ### Typical Wiring Configuration The terminal block on the AB440-R is usually labeled to handle specific inputs and outputs: * **F+, F-**: DC output to the Exciter Field. * **1, 2**: Sensing input connections. * **3, 4**: Power input connections. * **Link/Pot**: Connection points for an external remote voltage trimmer. --- ### ### Maintenance and Safety * **Heat Dissipation:** The unit features an aluminum heatsink. Ensure it is mounted in a location with adequate airflow. * **Static Sensitivity:** Like most AVRs, the AB440-R contains CMOS components sensitive to static electricity. * **Fuse Protection:** Most installations require a high-breaking capacity fuse in the input line to protect the regulator from internal short circuits.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the stability setting on an AB440-R?
    • ⤷ What are the common causes for an AVR to fail to build up voltage?
    • ⤷ Can the AB440-R be used with parallel generators?