전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AB469-R

  • AI
    The **AB469-R** typically refers to a specific relay module or a terminal block component used in industrial automation and control systems (often associated with brands like Allen-Bradley or specialized electronic component manufacturers). Below is a breakdown of the electronic parts and technical characteristics generally associated with this component. --- ### 1. Technical Specifications The AB469-R is designed for signal switching and circuit protection. Its electronic composition is centered around its ability to handle voltage loads and provide isolation. | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical Relay / Relay Terminal Block | | **Contact Material** | Silver Tin Oxide (AgSnO2) or Gold-plated Silver | | **Input Voltage** | Typically 24V DC (Standard for control logic) | | **Switching Current** | Usually rated between 6A to 10A | | **Mounting Style** | DIN Rail (TS35) | --- ### 2. Key Electronic Parts & Components The internal structure of the AB469-R consists of several critical electronic elements: #### A. The Electromagnetic Coil * **Function:** Acts as the primary actuator. When current flows through the coil, it creates a magnetic field that pulls the armature to close or open the contacts. * **Part Detail:** Copper winding with high-insulation lacquer to prevent short-circuiting under heat. #### B. Switching Contacts (NO/NC) * **Function:** The physical bridge for the electrical load. * **Part Detail:** Most units feature **Normally Open (NO)** and **Normally Closed (NC)** configurations. These are engineered to minimize "arcing" when the circuit breaks. #### C. Protection Diode (Flyback Diode) * **Function:** Integrated into the input circuit. * **Part Detail:** Protects the driving electronics (like a PLC output card) from voltage spikes caused by the inductive load of the coil when it is de-energized. #### D. LED Status Indicator * **Function:** Visual diagnostic. * **Part Detail:** A low-power Light Emitting Diode wired in parallel with the coil to indicate when the relay is energized. --- ### 3. Application Use Cases In an industrial environment, the electronic parts of the AB469-R serve three main purposes: 1. **Galvanic Isolation:** Separating the sensitive 24V DC control logic from high-voltage AC power circuits. 2. **Signal Multiplication:** Using one input signal to switch multiple output paths. 3. **Level Conversion:** Allowing a low-current sensor to trigger a high-current motor starter or solenoid. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the AB469-R relay?
    • ⤷ How does the gold-plating on the contacts affect its performance in low-voltage applications?
    • ⤷ Does this model include a manual override lever for testing?