전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ABC-1-1/2-R

  • AI
    The **ABC-1-1/2-R** is a specific model of high-performance electronic fuse manufactured by **Eaton (Bussmann Series)**. It is widely used in industrial and commercial applications due to its ceramic construction and high interrupting capacity. --- ### 1. Technical Specifications The part number itself acts as a code for its primary specifications: | Parameter | Specification | | :--- | :--- | | **Series** | ABC (Fast-acting ceramic tube fuse) | | **Current Rating** | 1.5 Amperes (1-1/2 A) | | **Voltage Rating (AC)** | 250 VAC | | **Voltage Rating (DC)** | 125 VDC | | **Response Characteristic** | Fast-Acting (F) | | **Body Material** | Ceramic Tube | | **End Cap Material** | Nickel-plated Brass | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### 2. Key Physical Features * **Ceramic Construction:** Unlike glass fuses, the ceramic body allows for a higher pressure rating. This prevents the fuse from shattering during a high-energy short circuit. * **Dimensions:** It follows the standard small-dimension format: * **Diameter:** 1/4 inch (approx. 6.35 mm) * **Length:** 1-1/4 inch (approx. 31.75 mm) * **Arc Quenching:** The interior is often filled with a granular material (like silica sand) to help extinguish the electrical arc when the fuse blows. --- ### 3. Functional Behavior The **ABC series** is designed to react quickly to overcurrent conditions. * **Interrupting Rating:** This fuse has a very high interrupting rating (often up to 1,500A at 250VAC). This means it can safely break a very high current fault without physically exploding. * **Fast-Acting:** It is designed to open within milliseconds when the current significantly exceeds 1.5A. This protects sensitive electronic components that cannot withstand prolonged overcurrent. --- ### 4. Common Applications Due to its reliability and high "breaking capacity," the ABC-1-1/2-R is found in: 1. **Industrial Control Panels:** Protecting PLC inputs and small motors. 2. **Power Supplies:** Serving as the primary input protection. 3. **Test Equipment:** Protecting internal circuitry from user error or surges. 4. **HVAC Systems:** Used in control boards for furnaces and air conditioners.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an ABC ceramic fuse and a GDB glass fuse?
    • ⤷ Can I replace a slow-blow fuse with this fast-acting ABC fuse?
    • ⤷ What does the Interrupting Rating (AIC) specifically mean for safety?