전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ABGW211-R

  • AI
    The **ABGW211-R** is a specific model within the **TW series** of industrial control switches manufactured by **IDEC**. This part number represents a 22mm push-button switch designed for heavy-duty industrial applications. --- ### 1. Part Number Breakdown To understand the electronic and mechanical parts of the device, we can decode the nomenclature: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **A** | Series Designation | TW Series (Heavy Duty) | | **B** | Component Type | Push-button | | **G** | Shape/Size | Extended (Guarded) Mushroom Head | | **W** | Operation Type | Momentary (Spring Return) | | **2** | Contact Configuration | 2 (1NO + 1NC) | | **11** | Contact Arrangement | 1 Normally Open & 1 Normally Closed | | **-R** | Color | Red Button | --- ### 2. Key Electronic & Mechanical Specifications The ABGW211-R is a passive electromechanical component. Its primary function is to open or close an electrical circuit manually. #### Electrical Ratings * **Insulation Voltage:** 600V * **Thermal Current (Ith):** 10A * **Contact Resistance:** 50 mΩ maximum (initial value) * **Operational Voltage:** Supports AC and DC circuits (typically up to 600V AC / 220V DC depending on the load). #### Mechanical Features * **Mounting Hole:** 22mm (standard industrial size). * **Button Style:** Mushroom head with a shroud/guard to prevent accidental actuation. * **Terminal Type:** M3.5 screw terminals with captive wire clamps for secure wiring. * **Environmental Protection:** IP65 (dust-tight and protected against water jets). --- ### 3. Internal Components The unit consists of three primary sub-assemblies: 1. **Operator (The Button):** The red mushroom head and the locking ring that secures the device to the control panel. 2. **Contact Block:** The "electronic" heart of the switch. The ABGW211-R comes with one **BST-10** (Normally Open) and one **BST-01** (Normally Closed) block. 3. **Action Mechanism:** A spring-loaded plunger that returns the button to its original position immediately after being released (Momentary Action). --- ### 4. Typical Applications * **Control Panels:** Used for "Stop" or "Reset" functions (though not a latching E-Stop). * **Safety Interlocks:** Utilizing the NC (Normally Closed) contact for safety loops. * **Signal Feedback:** Utilizing the NO (Normally Open) contact to send a start signal to a PLC (Programmable Logic Controller).
    ✨ Follow-up Questions
    • ⤷What is the difference between momentary and maintained action in IDEC switches?
    • ⤷ Can I add more contact blocks to the ABGW211-R?
    • ⤷ What is the NEMA rating for the TW series switches?