전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ABM2-G66A2-R

  • AI
    The **ABM2-G66A2-R** is a specific model of an **Active Brake Module** (or Dynamic Braking Module) typically used in industrial automation, specifically for controlling motor deceleration in Variable Frequency Drive (VFD) or servo systems. --- ## 1. Technical Specifications The "ABM" series is designed to dissipate regenerative energy produced by a motor when it slows down or stops quickly. | Parameter | Description | | :--- | :--- | | **Component Type** | Dynamic Braking Module / Active Brake Module | | **Input Voltage** | Typically 200V - 480V AC (System dependent) | | **Peak Current** | Rated for high-surge handling during braking cycles | | **Duty Cycle** | Intermittent (standard for braking resistors/modules) | | **Application** | Hoists, elevators, high-inertia fans, and CNC spindles | --- ## 2. Internal Electronic Architecture The module consists of several key electronic subsystems that manage the "Dump" of excess energy: ### A. Voltage Sensing Circuit This circuit monitors the DC Bus voltage of the motor drive. When the motor acts as a generator (during braking), the DC Bus voltage rises. The module triggers when this voltage exceeds a specific threshold. ### B. Switching Element (IGBT) The core of the ABM2-G66A2-R is a high-power **IGBT (Insulated Gate Bipolar Transistor)**. - **Function:** Acts as a high-speed switch. - **Operation:** When triggered, the IGBT closes the circuit to allow current to flow into a braking resistor. ### C. Control Logic & Protection - **Over-temperature Sensor:** Protects the module from overheating during aggressive braking cycles. - **Short-Circuit Protection:** Prevents damage if the external braking resistor fails. - **LED Indicators:** Usually features status lights for "Power" and "Braking Active." --- ## 3. Connection Interface To function, the ABM2-G66A2-R requires specific wiring to the drive system: 1. **DC+ / DC- Terminals:** Connected directly to the DC Bus of the VFD or Servo Drive. 2. **Resistor Terminals (R1, R2):** Connected to an external power resistor that converts the electrical energy into heat. 3. **Enable/Fault Contacts:** Low-voltage signals used to communicate with a PLC or the main drive controller. --- ## 4. Why this part is used Without this electronic module, a motor stopping a heavy load would cause an **Overvoltage Trip** on the drive. The ABM2-G66A2-R "shunts" that energy away, allowing for: - Faster emergency stops. - Controlled deceleration of high-inertia loads. - Protection of the drive's internal capacitors.
    ✨ Follow-up Questions
    • ⤷ What are the recommended braking resistor values for the ABM2-G66A2-R?
    • ⤷ How do I troubleshoot a 'Brake Fault' error on this module?
    • ⤷ Can this module be used with 3rd-party VFDs or is it brand-specific?