전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AC15WNA-R

  • AI
    The **AC15WNA-R** is a specific model of an AC-to-DC power converter module, typically categorized as a compact, board-mounted switching power supply. These modules are designed to provide a stable 15-watt output while maintaining high efficiency and safety standards. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 85V - 264V AC (or 100V - 370V DC) | | **Output Power** | 15 Watts (Max) | | **Output Voltage** | Usually 5V, 12V, or 24V DC (Model specific) | | **Efficiency** | ~80% to 85% | | **Isolation Voltage** | 3000V AC (Input to Output) | | **Protection** | Short Circuit, Over-current, Over-voltage | | **Mounting Type** | PCB Through-hole | --- ### 2. Internal Electronic Components The "R" suffix often denotes a specific revision or a "Reinforced" insulation/RoHS compliant version. Internally, the module consists of several functional stages: #### A. Input Filtering (EMI/EMC) * **X-Capacitors & Y-Capacitors:** Used to suppress electromagnetic interference. * **Common Mode Choke:** Filters out high-frequency noise from the AC line. * **Varistor (MOV):** Protects the internal circuit from voltage surges/spikes. #### B. Rectification & Bulk Storage * **Bridge Rectifier:** Converts AC input into pulsating DC. * **Electrolytic Capacitor:** Smooths the pulsating DC into a stable high-voltage DC bus. #### C. Power Conversion (Switching Stage) * **PWM Controller IC:** The "brain" that regulates the duty cycle to maintain a steady output. * **Power MOSFET:** Switches the high-voltage DC at high frequencies (usually 60kHz - 100kHz). * **High-Frequency Transformer:** Provides galvanic isolation and steps down the voltage. #### D. Output Rectification & Feedback * **Schottky Diode:** Rectifies the high-frequency AC from the transformer back to DC. * **Optocoupler:** Provides a feedback loop from the output back to the PWM controller while maintaining electrical isolation. --- ### 3. Application Use Cases Because of its small footprint and encapsulated design, the AC15WNA-R is commonly found in: * **Industrial Automation:** Powering PLCs or sensors. * **IoT Gateways:** Providing stable power for wireless communication modules. * **Smart Home Devices:** Internal power for smart switches or thermostats. * **Telecom:** Auxiliary power supplies for larger networking equipment.
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage for the AC15WNA-R variant?
    • ⤷ Does this module require external heat sinking for 15W operation?
    • ⤷ What are the dimensions and pinout configuration for PCB mounting?