전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AC30F-R1

  • AI
    The **AC30F-R1** refers to a high-performance variable speed drive (VSD) / Inverter power module, typically part of the **Parker Hannifin AC30 series**. This specific unit is engineered for the control of either AC induction or permanent magnet motors. --- ### Core Electronic Components & Specifications The AC30F-R1 is characterized by its modular architecture. Below is a breakdown of its primary electronic sections: | Component Category | Description | Key Functions | | :--- | :--- | :--- | | **Power Stage** | IGBT (Insulated Gate Bipolar Transistors) | Converts DC bus voltage into a pulse-width modulated (PWM) AC output to drive the motor. | | **Rectifier Bridge** | Diode/Thyristor Bridge | Converts incoming 3-phase AC line voltage into a stable DC voltage. | | **DC Bus** | High-Capacitance Bank | Smooths the rectified DC voltage and stores energy for transient load demands. | | **Control Logic** | Microprocessor/DSP | Handles PID loops, motor modeling, and high-speed switching calculations. | | **Feedback Interface** | Encoder/Resolver Inputs | Processes positional and speed data for closed-loop vector control. | --- ### Key Technical Attributes The "F" and "R1" designations in the part number typically refer to the frame size and specific hardware revision or cooling configuration: * **Cooling System:** The R1 frame usually utilizes an internal heatsink with forced-air cooling. * **Protection Circuitry:** * **Short Circuit Protection:** Instantaneous shutdown upon detection of phase-to-phase or phase-to-earth faults. * **Overvoltage Management:** Integrated braking chopper control to dissipate excess energy during motor deceleration. * **Thermal Monitoring:** Thermistors embedded in the IGBT module to prevent silicon degradation. * **Communication Ports:** Standard support for Ethernet/IP, Modbus TCP, and expansion slots for Profibus or CANopen. ### Hardware Interface Layout 1. **Power Terminals:** Heavy-duty screw terminals for L1, L2, L3 (Input) and U, V, W (Output). 2. **Control Terminals:** Pluggable terminal blocks for Digital I/O (24VDC), Analog I/O (0-10V/4-20mA), and Safety Torque Off (STO). 3. **SD Card Slot:** Used for firmware updates and parameter cloning between units. --- ### STO (Safe Torque Off) Electronics The AC30F-R1 features an integrated **STO circuit** compliant with SIL3/PLe standards. This electronic safety layer hardware-disables the gate drive signals to the IGBTs, ensuring no torque-generating energy can reach the motor, even if the control software crashes.
    ✨ Follow-up Questions
    • ⤷ What are the specific power rating and voltage range for the AC30F-R1?
    • ⤷ How do I configure the Safe Torque Off (STO) pins on this module?
    • ⤷ Which communication protocols are supported via the expansion slots?