전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ACE1V2012-900-R

  • AI
    ## Detailed Overview of ACE1V2012-900-R The **ACE1V2012-900-R** is a high-performance **Common Mode Choke (CMC)** designed primarily for noise suppression in high-speed differential signal lines. It belongs to a category of surface-mount devices (SMD) used extensively in automotive and industrial electronics. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Common Mode Choke | | **Case Size (Metric)** | 2012 (2.0mm x 1.2mm) | | **Case Size (Imperial)** | 0805 | | **Impedance (at 100MHz)** | 90 $\Omega$ | | **Tolerance** | $\pm 25\%$ | | **Rated Current** | 400 mA (Max) | | **DC Resistance (DCR)** | 0.30 $\Omega$ (Max) | | **Rated Voltage** | 50 VDC | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Construction and Pins The device is constructed using a **ferrite core** with two highly symmetrical windings. This symmetry is crucial for maintaining signal integrity in differential pairs. * **Footprint:** 0805 (2.0 x 1.2mm). * **Terminal Material:** Silver/Nickel/Tin (Sn) plating for excellent solderability. * **Structure:** Low profile, suitable for automated pick-and-place assembly. --- ### 3. Functional Working Principle The ACE1V2012-900-R operates by offering high impedance to "Common Mode" noise while allowing "Differential Mode" signals to pass with minimal attenuation. * **Common Mode (Noise):** Noise that travels in the same direction on both lines is blocked by the high impedance (90 $\Omega$). * **Differential Mode (Signal):** Desired data signals traveling in opposite directions cancel out the magnetic flux in the choke, allowing the signal to pass freely. --- ### 4. Applications Due to its low DCR and high reliability, this specific part is frequently used in: 1. **Automotive Electronics:** CAN-Bus, FlexRay, and Ethernet links. 2. **Consumer Electronics:** USB 2.0/3.0 interfaces and HDMI lines. 3. **Industrial:** Data transmission lines sensitive to EMI (Electromagnetic Interference). --- ### 5. Part Number Breakdown Typically, the nomenclature follows this logic: * **ACE1V:** Series identifier (Automotive Grade/High Performance). * **2012:** Dimensions (2.0mm length, 1.2mm width). * **900:** Impedance value ($90 \times 10^0 = 90 \Omega$). * **R:** Taping/Reel packaging code. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this 90 Ohm version and a 600 Ohm version in terms of signal integrity?
    • ⤷ How does the AEC-Q200 qualification affect the use of this part in non-automotive projects?
    • ⤷ Can this part be used for power line filtering
    • ⤷ or is it strictly for data lines?