ACE1V3225-101-R
AI

### Overview of the ACE1V3225-101-R
The **ACE1V3225-101-R** is a Surface Mount Device (SMD) Common Mode Choke. It is primarily used for EMI (Electromagnetic Interference) suppression in high-speed differential signal lines and power supply circuits.
---
### Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical properties.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Common Mode Choke |
| **Inductance** | 100 µH (indicated by "101") |
| **Tolerance** | ±20% (Standard for this series) |
| **Case Size (Metric)** | 3225 (3.2mm x 2.5mm) |
| **Case Size (Imperial)** | 1210 (0.12" x 0.10") |
| **DC Resistance (DCR)** | Max 1.5 Ω - 2.0 Ω (typical range) |
| **Rated Current** | ~150mA to 250mA (depending on temperature) |
| **Rated Voltage** | 50V DC |
| **Operating Temperature** | -40°C to +125°C |
---
### Key Features
1. **Compact Footprint:** The 3225 size allows for high-density PCB layouts.
2. **High Impedance:** Designed to provide high common-mode impedance to noise while maintaining low differential-mode impedance for signal integrity.
3. **AEC-Q200 Compliance:** Often rated for automotive use, ensuring high reliability under vibration and thermal cycling.
4. **Reflow Soldering:** Compatible with standard lead-free reflow soldering processes.
---
### Typical Applications
These components are found in circuits where noise suppression is critical without distorting the data signal:
* **Automotive Electronics:** CAN-Bus, FlexRay, and Ethernet communication lines.
* **Industrial Controls:** Noise filtering for sensors and actuators.
* **Consumer Electronics:** USB lines, HDMI, and high-speed data interfaces.
* **Power Supplies:** Filtering DC-DC converter output noise.
---
### Part Number Breakdown
```text
ACE 1V 3225 - 101 - R
| | | | |
| | | | +-- RoHS Compliant / Tape & Reel
| | | +-------- Inductance Code (10 + one zero = 100µH)
| | +--------------- Dimensions (3.2mm x 2.5mm)
| +------------------- Voltage/Series Category (50V)
+----------------------- Product Series (Automotive Common Mode)
```
- ⤷
What is the difference between common mode and differential mode noise in this context?
- ⤷ Are there alternative parts with a higher current rating in the 3225 size?
- ⤷ How does the impedance curve of this choke behave at frequencies above 10MHz?