전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ACT200

  • AI
    The **ACT200** generally refers to a series of high-precision signal conditioners and isolators manufactured by **Weidmüller**. These devices are used in industrial automation to convert, isolate, and monitor analog signals. Below is a breakdown of the electronic components and functional architecture typically found in the ACT200 series. --- ### 1. Functional Block Diagram The internal electronics of an ACT200 module are divided into three primary isolation zones to ensure signal integrity and safety. | Section | Key Components | Purpose | | :--- | :--- | :--- | | **Input Stage** | Precision Resistors, Op-Amps, ADC | Receives mV, V, or mA signals; digitizes or buffers them. | | **Isolation Barrier** | Optocouplers or Transformers | Provides 3-way galvanic isolation (Input / Output / Supply). | | **Output Stage** | DAC, Power Transistors | Re-converts signal to standard 4-20mA or 0-10V loops. | | **Power Supply** | DC/DC Converters | Regulates internal voltage from a 24V DC source. | --- ### 2. Core Electronic Specifications Depending on the specific model (e.g., ACT200R for RTD, ACT200P for Pro-line), the components are rated for high industrial performance: * **Microcontroller (MCU):** Often features a low-power 16-bit or 32-bit MCU to handle linearization (especially for Thermocouples and RTDs) and configuration via DIP switches or FDT/DTM software. * **A/D and D/A Converters:** Typically utilize 14-bit to 16-bit resolution to ensure a typical accuracy of < 0.1% of the measurement range. * **Protection Circuitry:** Includes TVS (Transient Voltage Suppressor) diodes and MOV (Metal Oxide Varistors) to protect against electromagnetic interference (EMI) and surges. --- ### 3. Comparison of Common ACT200 Variants | Feature | ACT200P (Pro) | ACT200R (RTD/TC) | ACT200M (Limit Value) | | :--- | :--- | :--- | :--- | | **Input Type** | Universal (V, mA) | Temperature Sensors | Universal | | **Output Type** | Active/Passive Analog | Active Analog | Relay / Transistor | | **Config. Method** | Software / DIP | DIP Switch | Software / Display | | **Width** | 6.1 mm or 12.5 mm | 12.5 mm | 17.5 mm | --- ### 4. Key Electronic Features * **3-Way Isolation:** Prevents ground loops by electronically decoupling the input circuit, output circuit, and the power supply. * **Active/Passive Support:** The output electronics can be configured to provide power to the loop (Active) or draw power from the receiving PLC card (Passive). * **Low Power Consumption:** Modern ACT200 units use high-efficiency switching regulators to minimize heat dissipation within the control cabinet.
    ✨ Follow-up Questions
    • How do you configure an ACT200 module using DIP switches?
    • What is the difference between 2-way and 3-way isolation in these modules?
    • Can ACT200 modules be used in hazardous (Ex) zones?