전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ACU370-32G-RGD

  • AI
    The **ACU370-32G-RGD** is a high-performance, ruggedized memory module typically used in industrial, aerospace, or military applications. It is designed to operate in extreme environments where standard consumer-grade electronics would fail. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Capacity** | 32 GB | | **Memory Type** | DDR4 SDRAM | | **Form Factor** | SO-DIMM (Small Outline Dual In-line Memory Module) | | **Grade** | Rugged (RGD) / Industrial Grade | | **ECC Support** | Often includes ECC (Error Correction Code) for data integrity | --- ### Key Electronic Components & Features #### 1. DRAM Integrated Circuits (ICs) The module consists of several high-density DDR4 memory chips. In a 32GB configuration, these are often high-bin chips selected for their ability to withstand temperature fluctuations. * **Signaling:** Uses low-voltage Differential Signaling to reduce EMI. * **Voltage:** Typically operates at **1.2V**, which reduces power consumption and heat generation compared to older DDR standards. #### 2. Ruggedization Features (RGD) The "RGD" suffix indicates specific electronic and physical hardening: * **Wide Temperature Support:** Rated for operation from **-40°C to +85°C**. * **Conformal Coating:** Many units in this series feature a thin polymeric film applied to the PCB and components to protect against moisture, dust, and chemical contaminants. * **Underfill:** A specialized epoxy is often applied under the BGA (Ball Grid Array) chips to reinforce the solder joints against mechanical shock and vibration. #### 3. PCB Design (Printed Circuit Board) * **Gold Fingers:** The connectors use 30μ” gold plating to ensure reliable electrical contact and prevent oxidation in humid environments. * **Multi-layer Routing:** High-quality PCB layering is used to maintain signal integrity and manage thermal dissipation. #### 4. Serial Presence Detect (SPD) EEPROM A small non-volatile memory chip on the module that stores information about the memory's timings, voltage, and manufacturer data. The system BIOS/UEFI reads this to automatically configure the memory controller. --- ### Typical Applications * **Embedded Systems:** Industrial PCs and automation controllers. * **Defense:** Rugged laptops, tactical communication devices, and UAV ground stations. * **Edge Computing:** Outdoor servers exposed to fluctuating environmental conditions.
    ✨ Follow-up Questions
    • ⤷ Does this module support ECC (Error Correction Code) for server-grade stability?
    • ⤷ What is the specific clock speed or MHz rating for this memory module?
    • ⤷ Is this module compatible with standard consumer laptop motherboards?