전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD143-R

  • AI
    The **AD143-R** is an integrated circuit, specifically categorized as a **High-Side Power Switch** or a **Solid State Relay (SSR) Controller**. It is commonly used in automotive and industrial applications to control power delivery to loads like motors, lamps, or solenoids while providing protective features. --- ### 1. Key Technical Specifications The AD143-R is designed to handle high current while maintaining low power dissipation. Below are the typical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | High-Side Power Switch / MOSFET Driver | | **Nominal Voltage** | Typically 12V to 24V DC systems | | **Logic Interface** | CMOS/TTL Compatible Input | | **Output Type** | N-Channel MOSFET (usually integrated or controlled) | | **Protection** | Overcurrent, Overtemperature, and Short-circuit protection | | **Package** | Usually available in surface-mount (SMD) packages like SO-8 or SOT-223 | --- ### 2. Functional Blocks The internal architecture of the AD143-R typically consists of several critical electronic sections: * **Charge Pump:** Since it is a "High-Side" switch (placed between the positive supply and the load), it requires an internal charge pump to generate a gate voltage higher than the supply voltage to fully turn on the N-channel MOSFET. * **Status Diagnostic:** It includes a "Status" pin that provides feedback to a Microcontroller (MCU). It can signal if there is an open-load condition or if the device has entered a thermal shutdown. * **Current Limiting:** Protects the internal circuitry and the wiring harness by limiting the maximum current flow during a fault. * **Clamping Circuit:** Protects the device against inductive kicks (back-EMF) when switching off inductive loads like relays or motors. --- ### 3. Typical Pin Configuration While specific pinouts can vary by manufacturer variants, the general configuration includes: 1. **Vcc/Vbb:** Power supply input. 2. **GND:** Logic ground. 3. **IN:** Logic level input to turn the switch ON/OFF. 4. **OUT:** Power output to the load. 5. **ST/DIAG:** Status/Diagnostic output for fault reporting. --- ### 4. Applications The AD143-R is most frequently found in environments where mechanical relays are unreliable or too slow: * **Automotive:** Controlling headlamps, wipers, and fuel pumps. * **Industrial Automation:** Driving PLC (Programmable Logic Controller) outputs. * **Robotics:** Managing power rails for sensors and small actuators. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current limits for the AD143-R?
    • ⤷ How does the AD143-R compare to a standard mechanical relay in terms of switching speed?
    • ⤷ Can the AD143-R be used for PWM (Pulse Width Modulation) control?