전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD1580BRTZ-R2

  • AI
    ## Overview of the AD1580BRTZ-R2 The **AD1580BRTZ-R2** is a low-cost, low-power, ultra-small shunt voltage reference. It is designed to provide a highly stable 1.225 V output from a wide range of input currents. It is commonly used in battery-operated equipment due to its minimal power consumption. --- ### Technical Specifications The following table summarizes the key electrical characteristics of the AD1580BRTZ-R2: | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 1.225 V | | **Tolerance** | ±0.8% (B Grade) | | **Temperature Coefficient** | 50 ppm/°C | | **Operating Current Range** | 50 µA to 10 mA | | **Package Type** | SOT-23-3 | | **Operating Temperature** | -40°C to +85°C | | **Output Impedance** | 0.4 Ω (typical) | --- ### Key Internal Components & Functionality The AD1580 operates as a **Shunt Regulator** (similar to a Zener diode). The electronic architecture focuses on three main areas: 1. **Bandgap Reference Core:** The device uses a precise bandgap circuit to establish the 1.225 V reference, ensuring stability across temperature fluctuations. 2. **Error Amplifier:** An internal amplifier monitors the output and adjusts the shunt current to maintain a constant voltage regardless of variations in the input current or load. 3. **Output Transistor:** A large internal transistor shunts excess current to ground to regulate the voltage across the device terminals. --- ### Pin Configuration | Pin Number | Name | Description | | :--- | :--- | :--- | | **1** | **+** | Positive Terminal (Input/Output) | | **2** | **-** | Negative Terminal (Ground) | | **3** | **NC** | No Connect (Should be left floating) | --- ### Basic Application Circuit To use the AD1580, an external resistor ($R_s$) is required to limit the current. The resistor value is calculated based on the input voltage ($V_s$) and the desired operating current ($I_q$). ```text Vs (Input) | [ Rs ] | +------> Vout (1.225V) | [AD1580] | GND ``` **Calculation Formula:** $$R_s = \frac{V_s - V_{out}}{I_q + I_L}$$ *(Where $I_q$ is the operating current and $I_L$ is the load current)* --- ### Features and Benefits * **Micropower Operation:** Can operate with as little as 50 µA, extending battery life. * **High Precision:** The "B" grade (BRTZ) offers tighter initial accuracy compared to the "A" grade. * **Space Saving:** The SOT-23 package is ideal for high-density circuit boards.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the A grade and B grade versions of the AD1580?
    • ⤷ How do I calculate the maximum power dissipation for this device?
    • ⤷ Can this device be used as a series reference instead of a shunt reference?