전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD22285-R2

  • AI
    ## AD22285-R2: Overview and Technical Specifications The **AD22285-R2** is a specialized high-precision, dual-axis accelerometer manufactured by **Analog Devices**. It is primarily designed for automotive safety applications, specifically for **Electronic Stability Control (ESC)** and rollover detection systems. ### 1. Key Technical Specifications The following table outlines the core electronic parameters of the AD22285-R2: | Parameter | Specification | |:---|:---| | **Sensor Type** | MEMS Dual-Axis Accelerometer | | **Measurement Range** | ±35 g (Commonly used for high-impact sensing) | | **Supply Voltage (Vs)** | 4.75V to 5.25V | | **Output Type** | Analog (Ratiometric to supply voltage) | | **Sensitivity** | Approximately 55 mV/g | | **Package Type** | 8-Lead SOIC_N | | **Operating Temp** | -40°C to +105°C | --- ### 2. Core Functional Components The device integrates several electronic stages within a single package to ensure high reliability: 1. **MEMS Sensor Element:** A differential capacitor system consisting of independent fixed plates and central plates attached to a moving mass. 2. **Demodulator:** Converts the capacitive changes (resulting from acceleration) into a voltage signal. 3. **Bessel Filter:** A 400Hz 2-pole low-pass filter is typically integrated to reduce high-frequency noise and prevent aliasing. 4. **Temperature Compensation:** Internal circuitry that adjusts the output to remain stable despite fluctuations in ambient temperature. --- ### 3. Pin Configuration and Interface The AD22285-R2 uses a standard 8-pin Small Outline Integrated Circuit (SOIC) footprint: | Pin Number | Name | Description | |:---|:---|:---| | 1 | ST | Self-Test Input (used to verify sensor integrity) | | 2 | VOUT Y | Analog Output for Y-Axis | | 3 | VOUT X | Analog Output for X-Axis | | 4 | COM | Common / Ground | | 5 | NC | No Internal Connection | | 6 | NC | No Internal Connection | | 7 | VDD | Positive Power Supply | | 8 | NC | No Internal Connection | --- ### 4. Implementation Circuitry To utilize the AD22285-R2 effectively, the following external electronic considerations are necessary: * **Decoupling Capacitors:** A 0.1 µF ceramic capacitor should be placed as close as possible to the VDD and COM pins to minimize supply noise. * **Output Loading:** The analog outputs are capable of driving capacitive loads, but it is recommended to interface them with a high-impedance Analog-to-Digital Converter (ADC). * **Ratiometric Behavior:** Since the output is ratiometric, the ADC's reference voltage should be tied to the same supply as the AD22285-R2 to eliminate errors caused by power supply drift.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD22285 and the AD22284 models?
    • ⤷ How does the self-test pin function electronically in this accelerometer?
    • ⤷ What are the specific mounting requirements to avoid mechanical cross-axis sensitivity?