AD5175BCPZ-10-R2
AI

The **AD5175BCPZ-10-R2** is a high-performance, single-channel, digital potentiometer manufactured by Analog Devices. It is specifically designed for precision applications where stability and fine-tuning are critical.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resistance** | 10 kΩ |
| **Resolution** | 1024 Positions (10-bit) |
| **Interface** | I²C Compatible |
| **Memory Type** | 50-Times Programmable (OTP) |
| **Voltage Supply (Single)** | 2.7 V to 5.5 V |
| **Voltage Supply (Dual)** | ±2.5 V to ±2.75 V |
| **Package** | 10-Lead LFCSP (3mm x 3mm) |
| **Temperature Drift** | 35 ppm/°C |
---
### 2. Functional Breakdown
#### A. 1024-Step Resolution
Unlike standard 256-step potentiometers, the AD5175 offers **10-bit resolution**. This allows for extremely granular control over the resistance value, making it ideal for calibration circuits where minute adjustments are necessary.
#### B. 50-Times Programmable (OTP) Memory
This part features "50-Times Programmable" memory. This bridges the gap between volatile digital pots (which lose settings on power-down) and traditional OTP pots:
* **Wiper Settings:** You can test various settings in volatile mode.
* **Permanence:** Once the desired setting is found, it can be burned into the memory up to 50 times. This is useful for recalibrating devices later in their lifecycle.
#### C. Tolerance and Accuracy
The device boasts a low resistance tolerance of **±1%**, which is significantly better than the industry standard (often ±20%). This eliminates the need for external series resistors to compensate for inaccuracy.
---
### 3. Application Use Cases
* **VCOM Adjustment:** Used in LCD panels to adjust the common-mode voltage.
* **Instrumentation:** Gain control in operational amplifier circuits.
* **Sensor Calibration:** Fine-tuning the offset and gain of analog sensors.
* **Mechanical Potentiometer Replacement:** Replacing physical trimmers to allow for automated, software-driven calibration during manufacturing.
---
### 4. Implementation Example (Basic I²C Write)
To set the wiper position via the I²C interface, a controller typically sends the device address followed by a command byte and the 10-bit data value.
```c
// Pseudo-code for setting the AD5175 Wiper
void set_wiper_value(uint16_t value) {
// 0x2F is a common base address for AD5175
I2C_Start(0x2F);
I2C_Write(0x05); // Command to write to RDAC register
I2C_Write((value >> 8) & 0x03); // Top 2 bits of 10-bit value
I2C_Write(value & 0xFF); // Bottom 8 bits
I2C_Stop();
}
```
- ⤷
How does the 50-Times Programmable memory differ from standard EEPROM in digital potentiometers?
- ⤷ Can the AD5175 be used in an AC signal path
- ⤷ and what are the voltage limits?
- ⤷ What are the advantages of the 1% resistance tolerance for precision analog circuits?