전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD5227BUJZ50-R2

  • AI
    The **AD5227BUJZ50-R2** is a compact, precision electronic component known as a **Digital Potentiometer** (often called a Digipot). Manufactured by Analog Devices, it is designed to replace traditional mechanical potentiometers in electronic circuits. --- ## 1. Key Technical Specifications The table below summarizes the primary electrical characteristics of the AD5227BUJZ50-R2: | Parameter | Specification | | :--- | :--- | | **End-to-End Resistance** | 50 kΩ | | **Resolution** | 64 Steps (6-bit) | | **Interface** | Up/Down (Push-button/Pulse compatible) | | **Supply Voltage Range** | 2.7V to 5.5V | | **Package Type** | TSOT-23-6 (Tiny Small Outline Transistor) | | **Temperature Range** | -40°C to +125°C | | **Wiper Memory** | Volatile (Resets to mid-scale on power-up) | --- ## 2. Functional Description The AD5227 functions as a variable resistor controlled by digital signals rather than a physical screwdriver. ### Interface Pins - **CLK (Clock):** Increments or decrements the wiper position on each pulse. - **U/D (Up/Down):** Determines the direction of the resistance change (High = Increase, Low = Decrease). - **CS (Chip Select):** Enables the device to accept input pulses. ### Internal Logic The device contains a resistor ladder of 64 discrete segments. When a pulse is received at the CLK pin, an internal counter moves the "wiper" to the next tap point on the ladder, effectively changing the resistance between the terminals. --- ## 3. Circuit Integration Here is a conceptual example of how to interface the AD5227 with a microcontroller like an Arduino: ```cpp // Basic logic for controlling AD5227 const int clkPin = 2; // Connected to CLK const int udPin = 3; // Connected to U/D void adjustResistance(bool increase, int steps) { digitalWrite(udPin, increase ? HIGH : LOW); for(int i = 0; i < steps; i++) { digitalWrite(clkPin, HIGH); delayMicroseconds(10); digitalWrite(clkPin, LOW); delayMicroseconds(10); } } ``` --- ## 4. Typical Applications * **Mechanical Potentiometer Replacement:** Ideal for systems where manual adjustment is difficult or impossible. * **LCD Contrast Control:** Digitally adjusting the bias voltage of displays. * **Programmable Filters/Gains:** Used in operational amplifier circuits to change gain or frequency response dynamically. * **Sensor Calibration:** Fine-tuning offset and sensitivity in analog sensor strings. ---
    ✨ Follow-up Questions
    • ⤷ How does the volatile memory affect the device behavior after a power cycle?
    • ⤷ What are the main advantages of using a 64-step resolution over higher-bit digital potentiometers?
    • ⤷ Can the AD5227 be used in high-voltage AC signal paths?