전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD5246BKSZ10-R2

  • AI
    ## Overview of AD5246BKSZ10-R2 The **AD5246BKSZ10-R2** is a compact, high-resolution digital potentiometer manufactured by Analog Devices. It is designed to replace mechanical potentiometers and variable resistors in precision electronic circuits. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Volatile Digital Potentiometer | | **Resistance** | 10 kΩ | | **Resolution** | 128 positions (7-bit) | | **Interface** | I²C (2-wire) | | **Supply Voltage (Vdd)** | 2.7V to 5.5V | | **Package** | SC-70-6 (Ultra-compact) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture consists of several critical electronic sections: * **Resistor String:** A series of 127 individual resistors connected between terminals A and B. Switches at each node allow the wiper (Terminal W) to select a specific voltage tap. * **I²C Interface Logic:** This block handles communication with the microcontroller. It decodes the address and the 7-bit data word sent to update the wiper position. * **Wiper Register:** A volatile memory latch that stores the current resistance setting. Because it is volatile, the device resets to its mid-scale position (step 64) upon power-up. * **Level Shifting/Protection:** Includes ESD protection circuitry and logic to ensure the wiper position remains stable during power fluctuations. --- ### 3. Application Use Cases This part is primarily used in space-constrained applications requiring digital control over analog signals: 1. **LCD Contrast Control:** Adjusting the bias voltage for small displays. 2. **Programmable Gain Amplifiers:** Setting the feedback resistance in Op-Amp circuits to change gain levels via software. 3. **Sensor Calibration:** Fine-tuning offset and sensitivity in industrial sensors. 4. **Power Supply Adjustment:** Acting as part of a voltage divider to trim the output of a DC-DC converter. --- ### 4. Comparison: AD5246 vs. Mechanical Pots | Feature | AD5246BKSZ10 | Mechanical Potentiometer | | :--- | :--- | :--- | | **Size** | Extremely small (SC-70) | Large footprint | | **Reliability** | No moving parts (solid state) | Subject to wear and dust | | **Control** | Software/I²C | Manual/Manual adjustment | | **Repeatability** | High (digital steps) | Low (human error) |
    ✨ Follow-up Questions
    • ⤷How do I address multiple AD5246 devices on the same I2C bus?
    • ⤷ Does this device retain its resistance setting after power-off?
    • ⤷ What are the limitations of the wiper current for this specific model?