전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD5258BRMZ1-R71

  • AI
    The **AD5258BRMZ1-R7** is a digital potentiometer manufactured by Analog Devices. It is designed to replace mechanical potentiometers in electronic circuits, allowing for precise, automated control of resistance via a digital interface. --- ## 1. Core Specifications | Feature | Specification | | :--- | :--- | | **Type** | Non-volatile Digital Potentiometer | | **Resistance** | 1 kΩ | | **Number of Positions** | 64 Taps (6-bit resolution) | | **Interface** | I²C Compatible | | **Memory Type** | EEPROM (Remembers setting after power loss) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Package** | 10-Lead MSOP (Micro Small Outline Package) | --- ## 2. Key Internal Components ### A. Resistor Ladder The device contains a string of 64 resistors in series. Between each resistor, there is a CMOS switch (tap) that connects to the "Wiper" (W) terminal. ### B. I²C Control Logic It communicates with a microcontroller (like an Arduino or ESP32) using the **I²C protocol**. This allows multiple devices to be controlled on the same two wires (SDA and SCL). It also features two address pins ($AD_0$ and $AD_1$), allowing up to four AD5258s on a single bus. ### C. EEPROM Memory Unlike "volatile" digital pots that reset to zero or mid-scale when power is removed, the AD5258 has built-in **EEPROM**. This stores the user's preferred wiper position, ensuring the device returns to that specific resistance immediately upon power-up. --- ## 3. Pin Configuration | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **W** | Wiper terminal | | 2 | **A** | Terminal A of the resistor | | 3 | **B** | Terminal B of the resistor | | 4 | **GND** | Ground | | 5 | **Vdd** | Positive power supply | | 6 | **SCL** | I²C Serial Clock | | 7 | **SDA** | I²C Serial Data | | 8 | **AD0** | I²C Address Bit 0 | | 9 | **AD1** | I²C Address Bit 1 | | 10 | **WP** | Write Protect (Prevents accidental EEPROM changes) | --- ## 4. Typical Application Circuit When using this part, it is commonly configured in one of two ways: 1. **Potentiometer Mode:** Connect Terminal A to $V_{in}$ and B to Ground; the W terminal provides a variable voltage. 2. **Rheostat Mode:** Connect the Wiper (W) to either Terminal A or B to create a variable two-terminal resistor. ```cpp // Example: Setting the Wiper via I2C (Pseudo-code) Wire.beginTransmission(AD5258_ADDR); Wire.write(0x00); // Command to write to RDAC register Wire.write(32); // Set to mid-scale (32/64) Wire.endTransmission(); ``` --- ## 5. Major Advantages * **Reliability:** No mechanical parts to wear out or become dirty. * **Precision:** Digital control eliminates human error in calibration. * **Space Saving:** The MSOP-10 package is significantly smaller than physical trimmers.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the actual resistance at a specific tap position for the 1k version?
    • ⤷ What is the difference between the AD5258 and the AD5259?
    • ⤷ Can this device handle high-voltage signals across terminals A and B?