전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD5259BCPZ100-R7

  • AI
    ### Overview of AD5259BCPZ100-R7 The **AD5259BCPZ100-R7** is a high-performance **Digital Potentiometer (DigiPot)** manufactured by Analog Devices. It is designed to replace mechanical potentiometers in precision electronic circuits, offering 256-step resolution and non-volatile memory. --- ### Key Technical Specifications | Parameter | Specification | |:---|:---| | **Resistance** | 100 kΩ | | **Resolution** | 8-bit (256 Taps) | | **Interface** | I²C (2-wire) | | **Memory Type** | Non-volatile (EEPROM) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Package** | 10-Lead LFCSP (3mm x 3mm) | | **Temperature Range** | -40°C to +125°C | --- ### Core Electronic Components & Features #### 1. Resistor Ladder Network At its core, the device consists of a string of 256 thin-film resistors connected in series. Between each resistor is a CMOS switch (tap point). By sending digital commands, the user selects which switch to close, effectively moving the "wiper" along the resistance string. #### 2. I²C Serial Interface The part communicates via the **I²C protocol**, which allows for multiple devices to be controlled on the same bus using unique addresses. It supports standard and fast modes (up to 400 kHz). #### 3. Integrated EEPROM One of the standout features is the **Non-volatile Memory (EEPROM)**. * **Startup Position:** You can program a specific resistance value into the EEPROM, and the device will automatically return to that value whenever it is powered on. * **Write Protection:** It includes a write-protect pin to prevent accidental changes to the stored values. #### 4. Tolerance and Temperature Coefficient * **Resistor Tolerance:** Typically ±20%. * **TempCo:** It has a low temperature coefficient of **35 ppm/°C**, ensuring that the resistance remains stable even as the device heats up. --- ### Pin Configuration (Summary) | Pin Name | Description | |:---|:---| | **VDD** | Power Supply (2.7V to 5.5V) | | **GND** | Ground | | **SCL / SDA** | I²C Clock and Data lines | | **A, B** | Terminal ends of the resistor | | **W** | The Wiper (variable output) | | **WP** | Write Protect (active low) | | **AD0** | I²C Address Bit (allows using multiple AD5259s) | --- ### Common Applications 1. **Gain Control:** Automatically adjusting the gain in operational amplifier circuits. 2. **LCD Contrast Calibration:** Digitally setting the voltage for display brightness/contrast. 3. **Power Supply Adjustment:** Tuning output voltages in DC-DC converters. 4. **Sensor Trimming:** Calibrating analog sensors to remove offset errors.
    ✨ Follow-up Questions
    • ⤷ How does the non-volatile memory (EEPROM) benefit the circuit during power cycles?
    • ⤷ What is the difference between the 10kΩ and 100kΩ versions of this IC?
    • ⤷ Can this device handle high-voltage signals across its A and B terminals?