전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD5259BRMZ50-R7

  • AI
    ## Technical Overview of AD5259BRMZ50-R7 The **AD5259BRMZ50-R7** is a high-performance, non-volatile memory, digital potentiometer manufactured by Analog Devices. It is designed to replace mechanical potentiometers and variable resistors in electronic circuits, allowing for precise, automated adjustments via a digital interface. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Resistance** | 50 kΩ | | **Resolution** | 256 Taps (8-bit) | | **Interface** | I²C Compatible | | **Memory Type** | EEPROM (Non-volatile) | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | 10-MSOP (Micro Small Outline Package) | | **Temperature Range** | -40°C to +125°C | --- ### Core Electronic Components & Architecture #### 1. Resistor Ladder (50 kΩ) The heart of the device is a string of 256 thin-film resistors. By switching internal CMOS gates, the "wiper" can be connected to any point along this string, providing 256 discrete levels of resistance. #### 2. I²C Digital Interface The part communicates using the I²C protocol (SDA/SCL pins). It includes two address pins (**AD0** and **AD1**), allowing up to four of these devices to reside on the same bus without address conflicts. #### 3. EEPROM Memory Unlike volatile digital pots that reset to a default value when power is lost, the AD5259 features internal **EEPROM**. - It stores the "Power-On" wiper position. - Users can write a desired resistance value to memory so that the device automatically returns to that setting upon reboot. #### 4. Tolerance and Coefficients - **Resistance Tolerance:** ±20%. - **Temperature Coefficient:** 30 ppm/°C, ensuring stability even as the circuit heats up. --- ### Pin Configuration Summary | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **VDD** | Positive Power Supply | | 2 | **AD1** | I²C Address Bit 1 | | 3 | **AD0** | I²C Address Bit 0 | | 4 | **SCL** | Serial Clock Input | | 5 | **SDA** | Serial Data Input/Output | | 6 | **GND** | Ground | | 7 | **W** | Wiper Terminal | | 8 | **A** | Terminal A (High side) | | 9 | **B** | Terminal B (Low side) | | 10 | **WP** | Write Protect (Hardware lock for EEPROM) | --- ### Common Applications 1. **Mechanical Potentiometer Replacement:** Remote adjustment of volume or sensor gain. 2. **VCOM Adjustment:** Used in LCD panels to adjust the common-mode voltage. 3. **Programmable Filters/Gains:** Integrated into Op-Amp circuits to change gain stages dynamically. 4. **Power Supply Calibration:** Fine-tuning output voltages in precision power supplies.
    ✨ Follow-up Questions
    • ⤷ How does the Write Protect (WP) pin function specifically in this device?
    • ⤷ What are the power consumption levels during active I2C communication versus idle state?
    • ⤷ Can this device be used in a rheostat configuration
    • ⤷ and if so
    • ⤷ how?