전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD5544ACPZ-1-R2

  • AI
    ## AD5544ACPZ-1-R2: Quad, 16-Bit Current Output DAC The **AD5544ACPZ-1-R2** is a high-precision, quad-channel, 16-bit digital-to-analog converter (DAC) manufactured by Analog Devices. It is designed for applications requiring high density and high performance in a compact footprint. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resolution** | 16-Bit | | **Number of Channels** | 4 (Quad) | | **Interface** | 3-Wire Serial (SPI / QSPI / MICROWIRE / DSP Compatible) | | **Output Type** | Current Output (Four-Quadrant Multiplying) | | **Settling Time** | 0.5 µs | | **Supply Voltage** | 2.7 V to 5.5 V | | **Package** | 32-Lead LFCSP (5mm x 5mm) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Features * **Four-Quadrant Multiplying:** This DAC can be used in applications where the reference input voltage ($V_{REF}$) is AC or DC, allowing for signal attenuation or gain control. * **Low Power Consumption:** Designed for power-sensitive applications, typically consuming only 10 µA. * **Reset Capability:** Includes a Power-On Reset (POR) circuit that clears the internal registers to zero-scale or mid-scale upon power-up. * **Daisy-Chain Mode:** Multiple devices can be connected in a chain to save I/O lines on the microcontroller/FPGA. --- ### 3. Pin Configuration Overview (32-Lead LFCSP) | Pin Name | Function | | :--- | :--- | | **$V_{DD}$** | Positive Supply Input (2.7V to 5.5V). | | **VREF A-D** | Individual Reference Inputs for each of the four DACs. | | **IOUT A-D** | Current Output terminals for each channel. | | **RFB A-D** | Feedback Resistors for use with external I-to-V op-amps. | | **SCLK / DIN / CS** | Serial Clock, Data Input, and Chip Select for SPI communication. | | **LDAC** | Load DAC: Asynchronous update of all DAC outputs simultaneously. | --- ### 4. Application Areas The AD5544 is widely used in precision instrumentation and industrial control systems: 1. **Automatic Test Equipment (ATE):** Precise voltage/current stimulus. 2. **Industrial Control:** Programmable Logic Controllers (PLCs) and actuator control. 3. **Digital Gain/Attenuation:** Adjusting signals in communication hardware. 4. **Data Acquisition Systems:** High-speed, high-resolution signal conversion. --- ### 5. Implementation Example (Pseudo-Code) To communicate with the AD5544 via SPI, the following logic structure is typically used: ```cpp // Example: Setting DAC A to a specific 16-bit value void write_AD5544(uint8_t address, uint16_t data) { digitalWrite(CS_PIN, LOW); // Select the device // Send 4-bit address/control + 16-bit data SPI.transfer(address & 0x0F); SPI.transfer((data >> 8) & 0xFF); // High Byte SPI.transfer(data & 0xFF); // Low Byte digitalWrite(CS_PIN, HIGH); // Deselect to latch data } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between current output and voltage output DACs in this context?
    • ⤷ How does the 'Four-Quadrant Multiplying' feature work in signal processing?
    • ⤷ What are the recommended external operational amplifiers for the I-to-V conversion stage?