전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD5624BCPZ-R2

  • AI
    ## Technical Overview of AD5624BCPZ-R2 The **AD5624BCPZ-R2** is a high-performance, low-power, quad-channel, 12-bit digital-to-analog converter (DAC). It belongs to the *nanoDAC®* family from Analog Devices and is designed for applications where board space and power efficiency are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 12-Bit | | **Channels** | 4 (Quad) | | **Interface** | SPI / QSPI / MICROWIRE / DSP Compatible | | **Supply Voltage** | 2.7 V to 5.5 V | | **Package** | 10-Lead LFCSP (3mm x 3mm) | | **Output Type** | Buffered Voltage | | **Power Consumption** | 450 µA @ 5V (Normal Operation) | --- ### 2. Core Functional Blocks 1. **Resistor String Architecture:** The DAC uses a resistor string structure, which ensures monotonic behavior and reduces non-linearity errors. 2. **Internal Output Amplifiers:** Each of the four channels includes an output buffer amplifier that allows for rail-to-rail output swings. 3. **Power-On Reset (POR):** The device contains a circuit that ensures the DAC output powers up to 0V (zero scale) and remains there until a valid write takes place. 4. **Power-Down Mode:** It features a software-selectable power-down mode that reduces current consumption to as low as 1 µA at 5V. --- ### 3. Pin Configuration Highlights | Pin | Mnemonic | Description | | :--- | :--- | :--- | | **1** | $V_{DD}$ | Power Supply Input (2.7V to 5.5V) | | **2** | $V_{REF}$ | Reference Voltage Input | | **4** | $V_{OUT} A$ | DAC Channel A Output | | **7** | SYNC | Level-triggered control input (Frame synchronization for SPI) | | **8** | SCLK | Serial Clock Input | | **9** | DIN | Serial Data Input | --- ### 4. Communication Protocol (SPI) The AD5624 operates via a versatile 3-wire serial interface. The data is written in a 24-bit word format: ```text [8 bits: Control & Address] + [12 bits: DAC Data] + [4 bits: Don't Care] ``` * **Address Bits:** Determine which of the four DAC channels is being updated. * **Command Bits:** Determine the mode of operation (Write to Input Register, Update DAC Register, Power Down, etc.). --- ### 5. Common Applications * **Process Control:** Precision offset and gain adjustment. * **Data Acquisition Systems:** Variable voltage references. * **Digital Gain and Offset Adjustment:** Fine-tuning analog signals in sensor paths. * **Programmable Voltage and Current Sources.** ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD5624 and the AD5664?
    • ⤷ How do I calculate the output voltage based on the digital input code?
    • ⤷ Does the AD5624BCPZ-R2 require an external reference voltage?