전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD5647RBCPZ-R2

  • AI
    ## Technical Overview of AD5647RBCPZ-R2 The **AD5647RBCPZ-R2** is a high-performance, low-power, dual-channel, 14-bit digital-to-analog converter (DAC). It belongs to the *nanoDAC®* family from Analog Devices and is designed for applications requiring high accuracy and compact form factors. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 14-Bit | | **Number of Channels** | 2 (Dual) | | **Interface** | I²C Compatible | | **Supply Voltage (VDD)** | 2.7 V to 5.5 V | | **Internal Reference** | 2.5 V, 5 ppm/°C (On-chip) | | **Package** | 10-lead LFCSP (3mm x 3mm) | | **Power Consumption** | 0.6 mA at 5V (Normal mode) | --- ### Key Internal Components 1. **Resistor String Architecture**: The DAC uses a resistor string structure, which inherently guarantees monotonicity and reduces glitch impulses during code transitions. 2. **On-Chip Reference**: It features a built-in 2.5V reference with very low temperature drift (5 ppm/°C). This can be used internally or buffered to drive external components. 3. **Power-On Reset (POR)**: Ensures that the DAC output powers up to 0V (or midscale, depending on the variant) and remains there until a valid write command is received. 4. **Precision Output Amplifier**: The output buffer allows rail-to-rail output swing, enabling the device to drive loads without additional external op-amps. --- ### Functional Pinout Description | Pin Name | Function | | :--- | :--- | | **VDD** | Power Supply Input | | **VOUTA / VOUTB** | Analog Output Voltage for Channel A and B | | **SCL / SDA** | I²C Serial Clock and Data lines | | **ADDR** | Address pin to select between multiple I²C addresses | | **LDAC** | Load DAC pin (updates outputs simultaneously) | | **CLR** | Asynchronous Clear pin (resets DAC to a known state) | --- ### Typical Application Circuit (Example) ```cpp // Pseudocode for setting the DAC output via I²C void setDacValue(uint16_t digitalValue) { I2C_Start(0x0C); // Start communication with AD5647R Address I2C_Write(0x18); // Command to write to and update DAC A I2C_Write(highByte); // Send MSB I2C_Write(lowByte); // Send LSB I2C_Stop(); // End communication } ``` --- ### Use Cases * **Process Control**: Precise adjustment of valves or actuators. * **Data Acquisition**: Setting reference voltages for ADCs. * **Digital Gain/Offset Adjustment**: Fine-tuning analog signal paths. * **Programmable Voltage Sources**: Compact power management systems.
    ✨ Follow-up Questions
    • ⤷ How does the LDAC pin facilitate simultaneous updates for both channels?
    • ⤷ What are the power-down modes available for this DAC?
    • ⤷ Can the internal 2.5V reference be disabled to use an external source?