전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD602JRZ-R7

  • AI
    ## Overview of the AD602JRZ-R7 The **AD602JRZ-R7** is a high-performance, dual-channel, variable gain amplifier (VGA) produced by Analog Devices. It is specifically designed for applications requiring high precision and a wide dynamic range, such as ultrasound imaging and wireless communications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (2 Channels) | | **Gain Range** | -10 dB to +30 dB per stage (80 dB total cascaded) | | **Bandwidth** | 35 MHz | | **Slew Rate** | 275 V/µs | | **Supply Voltage** | ±5V | | **Package** | SOIC-16 (Surface Mount) | | **Gain Scale** | 32 dB/V (Linear-in-dB) | --- ### 2. Core Functional Parts The AD602 architecture consists of several specialized internal blocks: * **X-AMP® Structure:** The "Exponential Amplifier" core allows the device to provide gain that is precisely linear in decibels (dB) relative to the control voltage. * **Passive Input Attenuator:** Each channel contains a 7-stage R-2R ladder network that attenuates the input signal before it reaches the fixed-gain amplifier, ensuring low distortion. * **Gain Control Interface:** This part of the circuit translates a differential control voltage into the switching signals for the internal ladder, providing a smooth, continuous gain transition. * **Output Buffer:** A high-speed amplifier that drives the output signal, maintaining stability even with capacitive loads. --- ### 3. Part Number Breakdown Understanding the suffix and prefix of the **AD602JRZ-R7**: | Code | Meaning | | :--- | :--- | | **AD602** | Base model number (Dual VGA) | | **J** | Performance grade (standard commercial temp range) | | **R** | Package type (SOIC - Small Outline Integrated Circuit) | | **Z** | RoHS Compliant (Lead-free) | | **R7** | Packaging format (7-inch Reel, typically 500 units) | --- ### 4. Typical Application Circuit In a standard configuration, the AD602 is used in **Time Gain Control (TGC)** applications. Below is a conceptual representation of how it is integrated: ```text [Input Signal] ----> [Differential Gain Control (Vgn)] ----> [Output] ^ | [Control Voltage DAC] ``` --- ### 5. Common Use Cases * **Medical Imaging:** Used in ultrasound systems to compensate for signal attenuation as sound waves travel deeper into tissue. * **Receiver AGC:** Automatic Gain Control in high-frequency receivers. * **Instrumentation:** Signal conditioning for data acquisition systems requiring high dynamic range.
    ✨ Follow-up Questions
    • ⤷ How does the linear-in-dB gain control compare to linear voltage control?
    • ⤷ What are the power consumption characteristics of the AD602JRZ-R7?
    • ⤷ Can the two channels of the AD602 be cascaded for higher gain?