전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD736JRZ-R7

  • AI
    ## Technical Overview of AD736JRZ-R7 The **AD736JRZ-R7** is a high-precision, low-power, monolithic **True RMS-to-DC converter**. It is designed to compute the root-mean-square value of both AC and DC input signals, providing an accurate DC output representation. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Function** | True RMS-to-DC Converter | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | | **Input Voltage Range** | 0 to 200 mV RMS | | **Supply Voltage (Dual)** | ±2.8 V to ±16.5 V | | **Supply Voltage (Single)** | +5 V to +33 V | | **Bandwidth (3dB)** | 190 kHz | | **Supply Current** | 160 µA (Typical) | --- ### 2. Functional Description The AD736 consists of four main functional subsections: 1. **Input Amplifier:** Provides high input impedance ($10^{12} \Omega$), allowing for interfacing with high-impedance sensors. 2. **Full-Wave Rectifier:** Converts the input signal into absolute value form. 3. **RMS Core:** Performs the "Squaring" and "Dividing" functions necessary for the RMS calculation formula: $V_{rms} = \text{Avg}(V_{in}^2 / V_{rms})$. 4. **Output Amplifier:** Buffers the signal and allows for low-pass filtering by adding an external capacitor ($C_{avg}$). --- ### 3. Application Use Cases This component is widely used in power management and measurement systems where non-sinusoidal waveforms need to be measured accurately. * **Precision Digital Multimeters (DMMs):** For measuring AC volts with high accuracy regardless of wave shape. * **Battery-Powered Instruments:** Due to its extremely low power consumption (160 µA). * **Panel Meters:** Monitoring industrial equipment power draw. * **Signal Analysis:** Measuring complex waveforms like pulse trains or SCR-controlled signals. --- ### 4. Circuit Implementation Example To use the AD736 in a basic configuration, external capacitors are required to set the averaging time constant. ```c /* Basic Hardware Implementation Logic */ - Connect Vin to Pin 2 (High Impedance Input) - Place C_avg between Pin 1 and Pin 8 (Sets the averaging time) - Place C_f (Filter Capacitor) at Pin 7 to reduce output ripple - Output Vout is available at Pin 6 ``` --- ### 5. Part Number Suffix Breakdown * **AD736**: Base model number. * **J**: Accuracy/Temperature grade (0°C to +70°C). * **R**: Package style (SOIC). * **Z**: RoHS compliant (Lead-free). * **R7**: 7-inch reel (Packaging format for automated assembly).
    ✨ Follow-up Questions
    • ⤷ How does the choice of the averaging capacitor (C_avg) affect the measurement accuracy?
    • ⤷ Can the AD736 handle signals with a high crest factor?
    • ⤷ What are the primary differences between the AD736 and the AD737 models?