전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD7440BRT-R2

  • AI
    ## Overview of AD7440BRT-R2 The **AD7440BRT-R2** is a high-speed, low-power, 10-bit successive-approximation (SAR) Analog-to-Digital Converter (ADC). Manufactured by Analog Devices, it is designed to operate from a single 2.7 V to 5.25 V power supply and features a throughput rate up to 1 MSPS (Mega Sample Per Second). --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 10-Bit | | **Throughput Rate** | Up to 1 MSPS | | **Interface** | High-speed Serial (SPI/QSPI/MICROWIRE/DSP compatible) | | **Input Type** | Differential | | **Power Consumption** | ~3 mW (at 1 MSPS, 3V supply) | | **Package Type** | SOT-23 (6-lead) | | **Supply Voltage** | 2.7 V to 5.25 V | --- ### Key Electronic Components & Features 1. **SAR Architecture:** The core of the AD7440 is a Successive Approximation Register. This architecture is highly efficient for medium resolution (10-bit) and high speed, offering low latency compared to Pipeline or Sigma-Delta ADCs. 2. **Differential Analog Input:** Unlike single-ended ADCs, the AD7440 features a fully differential analog input. This allows for: * Better common-mode rejection. * Reduction of noise pickup. * Increased dynamic range. 3. **Low Power Management:** The device is designed for power efficiency. It automatically powers down between conversions, meaning the power consumption scales directly with the throughput rate. 4. **Serial Interface:** It uses a 3-wire serial interface. The conversion process and data acquisition are controlled using `CS` (Chip Select) and `SCLK` (Serial Clock). --- ### Pin Configuration (SOT-23) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | $V_{DD}$ | Power Supply (2.7V to 5.25V) | | 2 | $GND$ | Ground Reference | | 3 | $V_{IN+}$ | Positive Analog Input | | 4 | $V_{IN-}$ | Negative Analog Input | | 5 | $SCLK$ | Serial Clock Input | | 6 | $SDATA$ | Serial Data Output (Synchronized to SCLK) | --- ### Application Use Cases * **Battery-Powered Systems:** Due to its low power "sleep" modes. * **Data Acquisition:** High-speed sampling for sensors. * **Motor Control:** Fast feedback loops for position or current sensing. * **Communications:** Signal processing in portable radio equipment.
    ✨ Follow-up Questions
    • ⤷ How does the AD7440 handle reference voltage compared to other ADCs?
    • ⤷ What are the timing requirements for the SCLK signal in this device?
    • ⤷ Can you provide a code snippet for interfacing the AD7440 with an Arduino or STM32?