전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AD7477SRT-R2

  • AI
    The **AD7477SRT-R2** is a high-performance, low-power, 10-bit analog-to-digital converter (ADC) manufactured by Analog Devices. It is designed for high-speed data acquisition applications where space and power consumption are critical. --- ### ## Technical Specifications Below are the primary electrical characteristics and specifications for the AD7477SRT-R2: | Parameter | Specification | | :--- | :--- | | **Resolution** | 10-Bit | | **Throughput Rate** | Up to 1 MSPS (Mega Samples Per Second) | | **Interface** | High-speed Serial (SPI/QSPI/MICROWIRE/DSP Compatible) | | **Supply Voltage** | 2.35 V to 5.25 V | | **Power Consumption** | 3.6 mW (at 3V, 1 MSPS) | | **Signal-to-Noise Ratio (SNR)** | 61 dB (Typical) | | **Package Type** | 6-Lead SOT-23 | --- ### ### Key Features 1. **Successive Approximation Register (SAR):** The device uses a SAR architecture, which is known for its high accuracy and lack of pipeline delay (latency). 2. **Low Power Dissipation:** One of its standout features is its power efficiency. It features an automatic power-down mode after conversion, making it ideal for battery-operated devices. 3. **Single Supply Operation:** It operates from a single power supply, simplifying the PCB design and reducing the need for multiple voltage regulators. 4. **No Pipeline Delay:** The part is capable of providing a conversion result immediately after the acquisition phase, which is essential for control loops. --- ### ### Pin Configuration (SOT-23) The AD7477 is housed in a very small 6-lead package. Understanding the pinout is crucial for integration: | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **VDD** | Power Supply Input | | 2 | **GND** | Ground Reference | | 3 | **VIN** | Analog Input Channel (0V to VDD) | | 4 | **SCLK** | Serial Clock Input (clocks out data) | | 5 | **SDATA** | Serial Data Output | | 6 | **CS** | Chip Select (Active Low) / Conversion Start | --- ### ### Typical Application Circuit When integrating this part, it is common to use decoupling capacitors (typically 10µF and 0.1µF) close to the VDD pin to ensure stability. ```cpp // Pseudocode for reading AD7477 via SPI (10-bit) uint16_t readADC() { uint16_t rawValue = 0; digitalWrite(CS_PIN, LOW); // Start Conversion // Transfer 16 bits (AD7477 sends leading zeros) rawValue = SPI.transfer16(0x00); digitalWrite(CS_PIN, HIGH); // End Conversion return (rawValue >> 2) & 0x03FF; // Extract 10-bit value } ``` --- ### ### Applications * **Battery-Powered Systems:** Due to the low power and automatic sleep modes. * **Data Acquisition:** High-speed sensors and transducer interfaces. * **Communications:** Modems and signal processing. * **Instrumentation:** Portable medical or industrial testing equipment.
    ✨ Follow-up Questions
    • ⤷ How does the AD7477 compare to the 12-bit AD7476 in terms of pin compatibility?
    • ⤷ What is the maximum SCLK frequency supported for 1 MSPS operation?
    • ⤷ Can the VIN range be extended beyond the VDD supply voltage?